Electronic Components Datasheet Search
  English  ▼

X  

OD9 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # OD9
Description  1 degree electrical downtilt available on the 11dBi model
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

OD9 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  OD9 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
860-960 MHZ VERTICALLY POLARIZED OMNI-DIRECTIONAL ANTENNA
The NLOS series omni-directional antenna system offered by Laird are constructed of UV stabilized fi berglass and stainless
steel for long service life. Mounting is easy with a dual u-bolt mounting system. The antennas are vertically polarized. The
6dBi and 8dBi come standard with 18” pigtails terminated in an N female connector. The 5dBi and 11dBi comes standard
with an integrated N Female connector. The omni’s are DC grounded for lightning protection. The 11dBi omni is available
with 1 deg electrical downtilt which provides null fi ll and improved close-in coverage.
FEATURES
• 900MHz omni-directional antenna
• Available in 5, 6, 8 and 11dBi gain models
• 1 degree electrical downtilt available on the 11dBi model
• UV stabilized fi berglass / stainless steel construction
• 18” pigtail with type N female connector
standard (6dBi and 8dBi models only)
VERTICALLY POLARIZED
OMNI ANTENNAS
OD9
PARAMETER
OD9-5
OD9-6
OD9-8
OD9-11
OD9-11D1
VSWR
1.5:1
1.5:1
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
50 ohm
50 ohm
50 ohm
Input power
100W
100W
100W
100W
100W
Pole diameter (OD)
1”- 2” (25-51mm) 1”- 2” (25-51mm) 1”- 2” (25-51mm) 1”- 2” (25-51mm) 1”- 2” (25-51mm)
Operating temperature
-45 - +70°C
-45 - +70°C
-45 - +70°C
-45 - +70°C
-45 - +70°C
Rated wind velocity
125 mph (56 m/sec) 125 mph (56 m/sec) 125 mph (56 m/sec) 125 mph (56 m/sec) 125 mph (56 m/sec)
Gain
5dBi
6dBi
8dBi
11dBi
11dBi
VSWR 1.5:1 bandwidth
890-950 MHz
865-945 MHz
865-945 MHz
860-960 MHz
860-960 MHz
VSWR 2.0:1 bandwidth
860-960 MHz
860-960 MHz
Vertical 3dB beamwidth
36°
16°
10°
7°
7°
Electrical downtilt
0
0
0
0
1
°
Length
24 in (610 mm)
5.6 ft (1.7 m)
8.5 ft (2.6 m)
11 ft (3.4 m)
11 ft (3.4 m)
Diameter
1.5 in (38 mm)
1.5 in (38 mm)
1.5 in (38 mm)
1.5 in (38 mm)
1.5 in (38 mm)
MARKETS
• 900 MHz ISM band applications
• WISP base station equipment
• Non line-of-sight applications
• Cellular applications
ANT-DS-OD9 1015
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
SYSTEM ORDERING
5dBi slimline NLOS series 900MHz omni antenna with N female bulkhead connector
OD9-5
OD9-6
OD9-8
OD9-11D1
6dBi NLOS series 900MHz omni antenna with 18” pigtail / N female connector
8dBi NLOS series 900MHz omni antenna with 18” pigtail / N female connector
11dBi 1deg elec downtilt NLOS series 900MHz omni antenna with integrated N female connector
OD9-5
OD9-11D1
OD9-8
OD9-6
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - OD9

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
OD9-1800-BLK MOBILEMARK-OD9-1800-BLK Datasheet
239Kb / 1P
Omni-Directional Antennas 1.8/1.9 GHz
4/2016
OD9-1900-BLK MOBILEMARK-OD9-1900-BLK Datasheet
239Kb / 1P
Omni-Directional Antennas 1.8/1.9 GHz
4/2016
OD9-2400-BLK MOBILEMARK-OD9-2400-BLK Datasheet
299Kb / 1P
Omni-Directional Antennas, WiFi 2.4 GHz
9/2018
OD9-2400-WHT MOBILEMARK-OD9-2400-WHT Datasheet
299Kb / 1P
Omni-Directional Antennas, WiFi 2.4 GHz
9/2018
OD9-2400MOD2-BLK MOBILEMARK-OD9-2400MOD2-BLK Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
More results

Similar Description - OD9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS116A ETC2-FS116A Datasheet
18Kb / 1P
U.S. Electrical On-Line Catalog
logo
Mercury United Electron...
HDW5761 MERCURY-HDW5761 Datasheet
120Kb / 1P
Tri-state function available on pad No. 1.
logo
Dynex Semiconductor
AN5001 DYNEX-AN5001 Datasheet
88Kb / 5P
On-state Characteristic Model
logo
KODENSHI_AUK CORP.
EL615 KODENSHI-EL615 Datasheet
580Kb / 3P
available to be mounted on the pcb backside
HL615 KODENSHI-HL615 Datasheet
197Kb / 3P
Available to be mounted on the PCB backside
HPI615 KODENSHI-HPI615 Datasheet
197Kb / 3P
Available to be mounted on the PCB backside
ML615 KODENSHI-ML615 Datasheet
184Kb / 3P
Available to be mounted on the PCB backside
ST615 KODENSHI-ST615 Datasheet
195Kb / 3P
Available to mount on the backside of board
logo
JMK Inc.
HH-2178-4 JMK-HH-2178-4 Datasheet
82Kb / 1P
The filter is available in both the standard model and the high temperature model.
HH-2178-4HT JMK-HH-2178-4HT Datasheet
81Kb / 1P
The filter is available in both the standard model and the high temperature model.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com