Electronic Components Datasheet Search
  English  ▼

X  

PAV69278PI Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # PAV69278PI
Description  In?륿uilding Wireless Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PAV69278PI Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  PAV69278PI Datasheet HTML 1Page - Laird Tech Smart Technology PAV69278PI Datasheet HTML 2Page - Laird Tech Smart Technology PAV69278PI Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
698‐960 MHz/1710‐2700 MHz 
LTE Vertical Low PIM Directional Panel Antenna
 
PAV69278PI 
 
 
   
 
ANT‐DS‐PAV69278PI_092314 
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the  
use and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, 
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable 
for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a 
copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other 
marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of  
third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights. 
3 
 
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Azimuth Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Elevation Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Azimuth Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Elevation Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Azimuth Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Elevation Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Azimuth Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Elevation Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Azimuth Plane
‐30
‐25
‐20
‐15
‐10
‐5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Elevation Plane
Radiation Pattern at 960 MHz
Radiation Pattern at 1710 MHz
Azimuth Plane
 
Phi 0° Plane
Azimuth Plane
 
Phi 0° Plane
Radiation Pattern at 2305 MHz
Radiation Pattern at 2412 MHz
Azimuth Plane
 
Phi 0° Plane
Azimuth Plane
 
Phi 0° Plane
Radiation Pattern at 2700 MHz
Azimuth Plane
 
Phi 0° Plane



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com