Electronic Components Datasheet Search
  English  ▼

X  

LM9832CCVJD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832CCVJD
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832CCVJD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM9832CCVJD Datasheet HTML 10Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 11Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 12Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 13Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 14Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 15Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 16Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 17Page - National Semiconductor (TI) LM9832CCVJD Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
www.national.com
SENSOR PIXEL CONFIGURATION
1C
Optical Black Pixels Start
n n n n n n n n n pixels (0 - 255)
1D
Optical Black Pixels End
n n n n n n n n n pixels (0 - 255)
1E
Active Pixels Start - MSB
n n n n n n n pixels (0 - 16383)
Set to the same value as register Data Pixels Start.
1F
Active Pixels Start - LSB
nn nn nnn n
20
Line End - MSB
nn nnn n
n pixels (0 - 16383)
This selects the pixel count at which the current line is
ended and the next line begins. This determines the
integration time of one line.
21
Line End - LSB
nn nn nnn n
PIXEL DATA RANGE TO PROCESS
22
Data Pixels Start - MSB
nn nnn n
n pixels (Active Pixels Start - 16383)
This selects the start of the range of pixels transmitted
to the PC and determines the pixel location where
offset and shading correction begins (pixel 0 in the
DataPort). This value must be >= Active Pixels Start
23
Data Pixels Start - LSB
nn nn nnn n
24
Data Pixels End - MSB
nn nnn nn pixels (Data Pixels Start - [Line End - 20])
This selects the end of the range of pixels transmitted
to the PC. This value must be <= [Line End - 20]
25
Data Pixels End - LSB
nn nn nnn n
COLOR MODE SETTINGS
26
AFE Operation
3 Channel or 1 Channel
0 0 0 3 Channel Pixel Rate Color
0 0 1 3 Channel Line Rate Color
1 0 0 1 Channel Grayscale
1 0 1 1 Channel Color
1 Channel Grayscale Input Source
(1 Channel Color always uses the
Blue Channel as the input)
0 0
Red Channel
0 1
Green Channel
1 0
Blue Channel
11
N/A
TRRED (=TR1) position
(3 Channel Line Rate Mode only)
0
1st TR pulse position (inside Ø1 high)
1
2nd TR pulse position (inside Ø1 low)
TRGREEN (=TR2) position
(3 Channel Line Rate Mode only)
0
1st TR pulse position (inside Ø1 high)
1
2nd TR pulse position (inside Ø1 low)
TRBLUE (=CP2) position
(3 Channel Line Rate Mode only)
0
1st TR pulse position (inside Ø1 high)
1
2nd TR pulse position (inside Ø1 low)
27
3 Channel Line Rate TRRED drop
(3 Channel Line Rate Mode only)
0 0 Do not drop any TRRED pulses
0 1 Drop 1 TRRED pulse (double integration time)
1 0 Drop 2 TRRED pulses (triple integration time)
11 N/A
3 Channel Line Rate TRGREEN drop
(3 Channel Line Rate Mode only)
0 0
Do not drop any TRGREEN pulses
0 1
Drop 1 TRGREEN pulse (double integration time)
1 0
Drop 2 TRGREEN pulses (triple integration time)
11
N/A
3 Channel Line Rate TRBLUE drop
(3 Channel Line Rate Mode only)
0 0
Do not drop any TRBLUE pulses
0 1
Drop 1 TRBLUE pulse (double integration time)
1 0
Drop 2 TRBLUE pulses (triple integration time)
11
N/A
Triple TR output
0
Normal operation
1
Outputs single TR pulse on TR1, TR2, and CP2 pins
RESERVED
28
Reserved
0 0 0 0 0 0 0 0 Write 00 to this register
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
LM9832 Register Listing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com