Electronic Components Datasheet Search
  English  ▼

X  

RCD-24PL Datasheet(PDF) 2 Page - Recom International Power

Part # RCD-24PL
Description  SMD Constant Current LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24PL Datasheet(HTML) 2 Page - Recom International Power

  RCD-24PL Datasheet HTML 1Page - Recom International Power RCD-24PL Datasheet HTML 2Page - Recom International Power RCD-24PL Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LIGHTLINE
DC/DC-Converter
RCD-24-PL
Series
Specifications (typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Dimensions
31.0 x 11.4 x 6.6mm
Weight
1.9g
Packing Quantity
12 pcs per Tube / 400 pcs per Reel
Reflow Soldering Profile
265°C/10 sec max
MTBF
(using MIL HDBK 217F) +25°C
>600 khours
PWM Dimming and ON/OFF Control (Leave open if not used)
Remote ON/OFF
DC/DC ON
Open or 0V<Vr<0.6V
Threshold Voltages
DC/DC OFF (Standby)
0.6<Vr<2.9V
DC/DC OFF (Full Shutdown)
2.9V<Vr<6V
Remote Pin Drive Current
Vr=5V
1mA max
Quiescent Input Current in Shutdown Mode
Vin=36V
200μA max
Recommended PWM Frequency
For Linear Operation
200Hz
(measured 10%~90% Dimming)
Maximum Frequency
1000Hz
Analogue Dimming Control (leave open if not used)
Input Voltage Range
300-1000mA
-0.3V - 15V
Control Voltage Range Limits (see Graph)
300-1000mA / Full On
0.13V ± 50mV
300-700mA / Full Off
4.2V ± 150mV
1000mA / Full Off
4.35V ±100mV
Analogue Pin Drive Current
300-1000mA / Vc=5V
0.2mA max.
Environmental
Shock / Vibration
EN61373
EMC Railways
EN50121-3-2:2006
Conducted Emissions
300-1000mA (/A Suffix)
EN55022, Class A
300-700mA (/B Suffix)
EN55022, Class B
Radiated Emissions
EN55022, Class B
ESD
EN61000-4-2, Criterion A
Radiated Immunity
EN61000-4-3, Criterion A
Fast Transient
EN61000-4-4, Criterion A
Conducted Immunity
EN61000-4-6, Criterion A
Typical Characteristics
100
20
10
Output Voltage (V)
50
30
0
Vin = 24V, Iout = 300~1000mA
100
20
10
Output Voltage (V)
50
30
0
Vin = 32V, Iout = 300~1000mA
Note:
1. All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
2. It is not possible to parallel the drivers to increase the current.
L-10
www.recom-power.com
REV: 1/2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com