Electronic Components Datasheet Search
  English  ▼

X  

ACU2109 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACU2109
Description  Wideband Tuner Upconverter Data Sheet - Rev 2.4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU2109 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACU2109 Datasheet HTML 1Page - ANADIGICS, Inc ACU2109 Datasheet HTML 2Page - ANADIGICS, Inc ACU2109 Datasheet HTML 3Page - ANADIGICS, Inc ACU2109 Datasheet HTML 4Page - ANADIGICS, Inc ACU2109 Datasheet HTML 5Page - ANADIGICS, Inc ACU2109 Datasheet HTML 6Page - ANADIGICS, Inc ACU2109 Datasheet HTML 7Page - ANADIGICS, Inc ACU2109 Datasheet HTML 8Page - ANADIGICS, Inc ACU2109 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet - Rev 2.4
07/2003
ACU2109
Table 4: DC Electrical Specifications
(TA = +25 °C (1), VDD = +5 VDC)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
)
6
1
&
1
s
n
i
P
(
t
n
e
r
r
u
C
y
l
p
p
u
S
F
I-
2
75
8A
m
)
0
1
n
i
P
(
t
n
e
r
r
u
C
y
l
p
p
u
S
O
L-
2
85
9A
m
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P-
0
7
70
0
9W
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T-
-
5
2W
/
C
°
Notes:
(1) Case temperature is 15 °C higher than Ambient Temperature, when Ambient
Temperature is < +65 °C, using PC Board Layout shown in Figures 19 - 20.
Table 5: AC Electrical Specifications
(TA = +25 °C (8), VDD = +5 VDC)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
n
i
a
G
n
o
i
s
r
e
v
n
o
C
)
1
(
0
.
60
.
80
1B
d
s
s
e
n
t
a
l
F
n
i
a
G
)
1
(
-8
.
0-
B
d
e
r
u
g
i
F
e
s
i
o
N
B
S
S
)
1
(
-5
.
60
.
8B
d
O
S
C
)
4
(
,
)
2
(
O
S
C
)
4
(
,
)
3
(
-
-
6
6
-
2
6
-
9
5
-
7
5
-
c
B
d
B
T
C
)
4
(
,
)
2
(
B
T
C
)
4
(
,
)
3
(
-
-
8
6
-
8
6
-
6
6
-
6
6
-
c
B
d
n
o
it
a
l
u
d
o
M
s
s
o
r
C
M
A
)
5
(
,
)
4
(
,
)
2
(
n
o
it
a
l
u
d
o
M
s
s
o
r
C
M
A
)
5
(
,
)
4
(
,
)
3
(
-
-
0
7
-
5
6
-
0
6
-
0
6
-
c
B
d
P
I
t
u
p
n
I
r
e
d
r
O
d
n
2
e
n
o
T
-
2
)
6
(
-5
9
+-
V
m
B
d
P
I
t
u
p
n
I
r
e
d
r
O
d
r
3
e
n
o
T
-
2
)
6
(
-0
7
+-
V
m
B
d
t
e
s
ff
O
z
H
k
0
1
t
a
e
s
i
o
N
e
s
a
h
P
O
L
)
7
(
,
)
4
(
-9
8
-4
8
-z
H
/
c
B
d
r
e
l
a
c
s
e
r
P
o
t
r
e
w
o
P
O
L1
-5
.
2
+-
m
B
d
e
g
a
k
a
e
L
F
R
o
t
O
L-
0
2
+-
V
m
B
d
e
g
a
k
a
e
L
F
I
o
t
O
L-
4
3
+-
V
m
B
d
Notes:
(1) As measured on ANADIGICS Evaluation Board shown in Figures 19 - 20.
(2) 138 channels, 0 dB tilt, +7 dBmV flat
(3) 138 channels, -10 dB tilt, +7 dBmV at 55.25 MHz
(4) As measured in ANADIGICS test fixture, using Anaren 3 dB 180° coupler (part no.
30055) and external bias-tees.
(5) All channels 99% AM modulated at 15 kHz, including adjacents
(6) Two tones, -15 dBm (+33.75 dBmV) each
(7) At 250 kHz comparison frequency, 3 kHz loop bandwidth
(8) Case temperature is 15 °C higher than Ambient Temperature, when Ambient
Temperature is < +65 °C, using PC Board Layout shown in Figures 19 - 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com