Electronic Components Datasheet Search
  English  ▼

X  

RSOE Datasheet(PDF) 2 Page - Recom International Power

Part # RSOE
Description  2:1 Wide Input Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSOE Datasheet(HTML) 2 Page - Recom International Power

  RSOE Datasheet HTML 1Page - Recom International Power RSOE Datasheet HTML 2Page - Recom International Power RSOE Datasheet HTML 3Page - Recom International Power RSOE Datasheet HTML 4Page - Recom International Power RSOE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, auto recovery
Isolation Voltage
I/P to O/P
tested for 1 second
2kVDC
Isolation Resistance
1G
W min.
Isolation Capacitance
100pF max.
Insulation Grade
functional
continued on next page
REGULATIONS
Parameter
Condition
Value
Output Accuracy
0-100% load
±2.0% max.
Line Regulation
low line to high line, full load
±0.2% max.
Load Regulation
0% to 100% load
±0.5% max.
ECO-2
REV.: 1/2017
www.recom-power.com
RSOE
Series
Specifications (measured @ ta= 25°C, nominal Vin, full load unless otherwise specified)
Efficiency vs. Load
RSOE-0505S/H2
RSOE-0505S/H2
RSOE-2405S/H2
RSOE-2405S/H2
Accuracy vs. Load
(@ full load)
Output Current [A]
0
0
20
40
60
80
100
0.05
0.1
0.15
0.2
4.5Vin
5Vin
7Vin
9Vin
Output Current [A]
0
0
0.2
0.1
0.3
0.4
0.5
0.6
0.05
0.1
0.15
0.2
Output Current [A]
0
0
20
40
60
80
100
0.05
0.1
0.15
0.2
18Vin
20Vin
24Vin
30Vin
36Vin
Output Current [A]
0
0
0.2
0.1
0.3
0.5
0.4
0.6
0.7
0.05
0.1
0.15
0.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com