Electronic Components Datasheet Search
  English  ▼

X  

NFN40 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NFN40
Description  Single and triple output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NFN40 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NFN40 Datasheet HTML 1Page - List of Unclassifed Manufacturers NFN40 Datasheet HTML 2Page - List of Unclassifed Manufacturers NFN40 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.156 (3.96) Dia.
(4 Places)
5.00
(127.00)
NON-METALLIC
STAND-OFF
(SEE NOTE A)
MAXIMUM
COMPONENT
HEIGHT 1.2 inches
C5
J2
1
P1/J3 (SEE NOTE C)
F1
J1
N
~
L
Q1
F 3.15A, H 250VAC
2.550
(64.8)
0.22
(5.59)
3.00
(76.2)
0.22 (5.59)
4.55
(115.8)
~
ALL DIMENSIONS IN INCHES (mm)
T1
Mechanical notes
A
NFS40 models only: In order to meet safety requirements, a non-metallic
stand-off is mandatory for one hole as specified in the mechanical
drawing.
B
The ground pad of the mounting hole near P1 allows system grounding
through a metal stand-off.
C To improve conducted noise, the ground pad of the mounting hole near
the output connector should be connected with the ground pad of the
mounting hole near P1 (P1 for NFS40 models and J3 on NFN40 models).
Use metal stand-offs attached to a common metal chassis. This
connection also significantly attenuates common mode noise.
D
A standard L-bracket and cover is available for mounting which contains
all screws, connectors and necessary mounting hardware. Details are on
page 72. Order part number ‘NFS40 COVER KIT’.
PAGE 26
AC mating connector
Molex 09-50-3031 or equivalent with Molex 08-50-0164 or equivalent crimp
terminals.
DC mating connector
Molex 09-50-3061 or equivalent with Molex 08-50-0164 or equivalent crimp
terminals.
NFS40 AND NFN40 PIN CONNECTIONS
J1
-7608, -7628
-7607
-7610
SINGLES
Pin 1
AC Line
AC Line
AC Line
AC Line
Pin 2
AC Neutral
AC Neutral
AC Neutral
AC Neutral
J2
Pin 1
+12V
+12V
+15V
+Vout
Pin 2
+5.1V
+5.1V
+5.1V
+Vout
Pin 3
+5.1V
+5.1V
+5.1V
+Vout
Pin 4
Return
Return
Return
Return
Pin 5
Return
Return
Return
Return
Pin 6
–12V
–5V
–15V
Return
P1/J3 (C)
Pin 1
Safety Ground
40 to 50 Watt
AC/DC universal input switch mode power supplies
40-50W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com