Electronic Components Datasheet Search
  English  ▼

X  

NCP623MN Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP623MN
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623MN Datasheet(HTML) 2 Page - ON Semiconductor

  NCP623MN Datasheet HTML 1Page - ON Semiconductor NCP623MN Datasheet HTML 2Page - ON Semiconductor NCP623MN Datasheet HTML 3Page - ON Semiconductor NCP623MN Datasheet HTML 4Page - ON Semiconductor NCP623MN Datasheet HTML 5Page - ON Semiconductor NCP623MN Datasheet HTML 6Page - ON Semiconductor NCP623MN Datasheet HTML 7Page - ON Semiconductor NCP623MN Datasheet HTML 8Page - ON Semiconductor NCP623MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP623
http://onsemi.com
2
GND
Figure 1. NCP623 Block Diagram
* Current Limit
* Antisaturation
* Protection
VIN
VOUT
GND
Bypass
Band Gap
Reference
ON/OFF
On/Off
Thermal
Shutdown
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
Vin
12
V
Power Dissipation and Thermal Resistance
Maximum Power Dissipation
PD
Internally Limited
W
Case 488AE (QFN6, 3x3) MN Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Case 846A (Micro8) DM Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
RqJA
RqJC
RqJA
RqJC
161
19
240
105
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
Tstg
−60 to +150
°C
ESD Protection − Human Body Model
Machine Model
VESD
2000
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com