Electronic Components Datasheet Search
  English  ▼

X  

B210LP Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # B210LP
Description  Advanced Multi-Criteria Detector with Four Unique Sensing Elements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B210LP Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  B210LP Datasheet HTML 1Page - Gamewell-FCI by Honeywell B210LP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1653 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60672 Rev. D page 2 of 2
www.gamewell-fci.com
•
•
Description (Continued)
Note: The CO cell is specifically deployed as a com-
ponent of smoke detection in this device. This device
is not Listed for applications in which the standalone
CO detection is required for life safety.
•
The IR light sensor recognizes specific situations
such as welding and makes adjustments rapidly to
further reduce the potential for nuisance alarms. The
thermal detection function uses thermistor technol-
ogy with a software-corrected linear temperature
response to offer exceptional nuisance alarm immu-
nity and excellent fire detection.
•
•
MCS-4-Warn Advance Multi-Criteria Detector
Specifications
•
Physical Specifications
Base Diameter:
4.0”
(10.16 cm)
Base Height:
2.4” (
6.1 cm)
Shipping Weight:
4.6 ounces
Operating
Temperature Range:
32° F to 100° F (0° C to 38° C)
Operating Humidity
Range:
10 to 93% relative humidity
(non-condensing)
•
Electrical Specifications
External Supply
Voltage:
15 to 32 VDC
Standby Current:
200 µA at 24 VDC
(no communications)
Alarm Current
(LED on):
7 mA at 24 VDC
•
Sensitivity Settings &
Suggested Applications
Level 1:
1% per foot
(30.48 cm) of smoke.
Very clean environments:
Used in Laboratories.
Level 2:
2% per foot
(30.48 cm) of smoke.
Clean environments:
Used in offices.
Level 3:
3% per foot
(30.48 cm) of smoke.
Moderately clean environments:
Used in hotel rooms, dorm
rooms.
Level 4:
3% per foot
(30.48 cm) of smoke
with different algorithm process-
ing and weighting of sensor ele-
ments. Used in hotel rooms near
a shower or boiler rooms.
Sensitivity Settings &
Suggested Applications (Continued)
Level 5:
4% per foot (30.48 cm) of
smoke.
Used in equipment rooms,
kitchens, paint shop.
Level 6:
Thermal alarm at 135° F (57° C)
Note: After the CO cell has reached the end of life, any
device set to Level 3 or Level 4 will default to Level 5 and
Level 5 will drop to 3%. The following sensitivities apply to
devices with expired CO cells.
Level 1:
1% per foot
(30.48 cm) of smoke.
Very clean environments:
Used in Laboratories.
Level 2:
2% per foot
(30.48 cm) of smoke.
Clean environments:
Used in offices.
Level 5:
3% per foot
(30.48 cm) of smoke.
Moderately clean environments:
Used in hotel rooms, dorm
rooms.
Level 6:
Thermal alarm at 135° F (57° C)
Ordering Information
Part Number Description
MCS-4-Warn
Advanced multi-criteria detector
with four unique sensing elemen
ts.
Accessories
B210LP
Flanged mounting base
B200S
Intelligent sounder base, capable
of producing a variety of tone pat-
terns including ANSI Temporal 3.
Compatible with the System Sen-
sor synchronization protocol.
B200SR
Intelligent sounder base,
Temporal 3 or Continuous tone.
B224BI
Isolator base, maximum of 25
devices between isolator bases.
B224RB
Relay base



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com