Electronic Components Datasheet Search
  English  ▼

X  

AD7265ACP Datasheet(PDF) 14 Page - Analog Devices

Part # AD7265ACP
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265ACP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7265ACP Datasheet HTML 8Page - Analog Devices AD7265ACP Datasheet HTML 9Page - Analog Devices AD7265ACP Datasheet HTML 10Page - Analog Devices AD7265ACP Datasheet HTML 11Page - Analog Devices AD7265ACP Datasheet HTML 12Page - Analog Devices AD7265ACP Datasheet HTML 13Page - Analog Devices AD7265ACP Datasheet HTML 14Page - Analog Devices AD7265ACP Datasheet HTML 15Page - Analog Devices AD7265ACP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7265
Preliminary Technical Data
To exit this mode of operation and power up the AD7265 again,
a dummy conversion is performed. On the falling edge of CS,
the device begins to power up, and continues to power up as
long as CS is held low until after the falling edge of the 10th
SCLK. The device is fully powered up after approximately 1 µs
has elapsed, and valid data results from the next conversion, as
shown in Figure 10. If CS is brought high before the second
falling edge of SCLK, the AD7265 again goes into partial power-
down. This avoids accidental power-up due to glitches on the
CS line. Although the device may begin to power up on the
falling edge of CS, it powers down again on the rising edge of
CS. If the AD7265 is already in partial power-down mode and
CS is brought high between the second and 10th falling edges of
SCLK, the device enters full power-down mode.
FULL POWER-DOWN MODE
This mode is intended for use in applications where throughput
rates slower than those in the partial power-down mode are
required, as power-up from a full power-down takes substan-
tially longer than that from partial power-down. This mode is
more suited to applications where a series of conversions
performed at a relatively high throughput rate are followed by a
long period of inactivity and thus power-down. When the
AD7265 is in full power-down, all analog circuitry is powered
down. Full power-down is entered in a similar way as partial
power-down, except the timing sequence shown in Figure 9
must be executed twice. The conversion process must be
interrupted in a similar fashion by bringing CS high anywhere
after the second falling edge of SCLK and before the 10th falling
edge of SCLK. The device enters partial power-down at this
point. To reach full power-down, the next conversion cycle must
be interrupted in the same way, as shown in Figure TBD. Once
CS has been brought high in this window of SCLKs, the part
powers down completely.
Note that it is not necessary to complete the 14 SCLKs once CS
has been brought high to enter a power-down mode.
To exit full power-down and power the AD7265 up again, a
dummy conversion is performed, as when powering up from
partial power-down. On the falling edge of CS, the device
begins to power up and continues to power up as long as CS is
held low until after the falling edge of the 10th SCLK. The
power-up time required must elapse before a conversion can be
initiated, as shown in Figure TBD. See the Power-Up Times
section for the power-up times associated with the AD7265.
1
A
10
14
1
14
SCLK
INVALID DATA
VALID DATA
DOUTA
DOUTB
CS
TPOWER-UP
THE PART BEGINS
TO POWER-UP
THE PART IS FULLY POWERED UP,
SEE POWER-UP TIMES SECTION
Figure 10. Exiting Partial Power-Down Mode
Rev. PrA | Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com