Electronic Components Datasheet Search
  English  ▼

X  

P682 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P682
Description  SMT Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P682 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P682 Datasheet HTML 1Page - Pulse A Technitrol Company P682 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P682.E (04/15)
1
pulseelectronics.com
SMT Power Inductors
Round Wires – PG0871NL series
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C 1
NOTES:
1. Actual temperature of the component during system operation(ambient
plus temperature rise) must be within the standard operating range.
2. Inductance at Irated is a typical inductance value for the component taken
at rated current.
3. The rated current as listed is either the saturation current (@ 25°C) or the
heating current depending on which value is lower.
4. The DCR of the part is measured at an ambient temperature of 20°C±3°C
from point a and b as shown below on the mechanical drawing.
5. The saturation current, Isat, is the current at which the component induc-
tance drop by 20% (typical) at an ambient temperature of 25°C. This
current is determined by placing the component in the specified ambient
environment and applying a short duration pulse current (to eliminate
self-heating effect) to the component.
6. The heating current, Idc, is the DC current required to raise the com-
ponent temperature by approximately 40°C. The heating current is
determined by mounting the component on a typical pcb and applying
current for 30 minutes. The temperature is measured by placing the ther-
mocouple on top of the unit under test. Take note that the components’
performance varies depending on the system condition. IT is suggested
that the component be tested at the system level, to verify the tempera-
ture rise of the component during system operation.
7. Core loss approximation is based on published core data:
Core Loss = K1 * (f)
* (ΔB)
in mW
K1 = 71.56 E-4
ΔB = K2 * Vusec in mT
f = switching frequency in MHz
K1 & K2 = core loss factors
V = Voltage across the component in V
Vusec = V * D /f
D = Duty cycle
8. Unless otherwise specified, all testing is made at 100kHz, 0.1Vac
9. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to
the part number (i.e. PG0871.222NL becomes PG0871.222NLT). Pulse
complies to industry standard tape and reel specification EIA481. The
tape and reel for this product has a width(W=16.0mm), pitch(Po=12.0mm)
and depth (Ko=6.8 mm).
Current Rating: up to 28Apk
Inductance Range: 0.46uH to 10.5uH
Height: 6.4mm Max
Footprint: 7.6mm x 7.4mm Max
1.324
2.422
Part
Number
Inductance
@Irated 2
(µH TYP)
Irated 3
(A)
Controlled Electical Specs
Saturation Current Isat 5
(A TYP)
Heating Current 6
Idc
(A TYP)
Core Loss 7
Factor
(K2)
DCR 4
(mW)
±8%
Inductance
@ 0Adc
(µH ± 20%)
25°C
100°C
PG0871.461NL
0.42
24.0
1.5
0.46
28.0
25.0
24.0
14.196
PG0871.681NL
0.64
19.0
2.3
0.68
24.5
20.0
19.0
10.647
PG0871.821NL
0.71
19.0
2.3
0.82
21.0
18.0
19.0
10.647
PG0871.102NL
0.80
17.5
2.3
1.00
17.5
15.5
19.0
10.647
PG0871.152NL
1.20
13.5
4.4
1.5
14
12.5
13.5
8.517
PG0871.222NL
2.00
9.5
7.6
2.20
12.0
10.5
9.5
7.098
PG0871.332NL
3.00
7.1
13.5
3.30
10.5
9.5
7.1
5.324
PG0871.472NL
4.50
6.7
17.0
4.70
9.3
8.0
6.7
4.259
PG0871.682NL
6.40
5.8
20.0
6.80
7.8
6.5
5.8
3.549
PG0871.922NL
8.80
4.9
30.0
9.20
6.7
5.5
4.9
3.042
PG0871.103NL
9.50
4.7
31.5
10.50
6.3
5.3
4.7
2.839


Similar Part No. - P682

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P682 ETC2-P682 Datasheet
131Kb / 1P
SMP MALE TO STRAIGHT TERMINATION
More results

Similar Description - P682

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com