Electronic Components Datasheet Search
  English  ▼

X  

R5000 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # R5000
Description  200mA 3000V~5000V--High voltage silicon rectifier diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

R5000 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  R5000 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD R5000 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R3000 THRU R5000
200mA 3000V~5000V--High voltage silicon rectifier diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (@ TA= 25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbols R3000 R4000 R5000 Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
3000
4000
5000
V
RMS Reverse Voltage
VR(RSM)
2100
2800
3500
V
Average Output Current (Note 1) @ TL = 50°C
IO
200
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage @ IF= 200mA
VFM
4.0
5.0
V
Peak Reverse Leakage Current at Rated DC Blocking Voltage
IRM
5.0
uA
Typical Junction Capacitance (Note 2)
CJ
30
pF
Typical Thermal Resistance Junction to Ambient
RΘJA
117
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-15
FEATURES:
1. Low cost .
2. Low leakage .
3. Low forward voltage drop .
4. Conform to RoHS.
5. High current capability.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
Case: JEDEC DO-15 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any.
Weight:0.014 ounce, 0.40 grams.


Similar Part No. - R5000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R5000 RECTRON-R5000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
MIC GROUP RECTIFIERS
R5000 MIC-R5000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
R5000 CHONGQING-R5000 Datasheet
38Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shenzhen Ping Sheng Ele...
R5000 PFS-R5000 Datasheet
331Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R5000 DIOTECH-R5000 Datasheet
704Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R5000

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMR534 SSDI-SPMR534 Datasheet
50Kb / 2P
60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
logo
Rugao Dachang Electroni...
R3000 DACHANG-R3000 Datasheet
117Kb / 2P
High Voltage Rectifier Reverse Voltage 3000V Forward Current 0.5A
logo
GETAI ELECTRONICS DEVIC...
CL03-15 GETEDZ-CL03-15 Datasheet
80Kb / 1P
15kV 200mA HIGH VOLTAGE DIODE
CL03-15F GETEDZ-CL03-15F Datasheet
80Kb / 1P
15kV 200mA HIGH VOLTAGE DIODE
HV37-20 GETEDZ-HV37-20 Datasheet
80Kb / 1P
20kV 200mA HIGH VOLTAGE DIODE
HV37-20F GETEDZ-HV37-20F Datasheet
80Kb / 1P
20kV 200mA HIGH VOLTAGE DIODE
HV200F042CL2FD GETEDZ-HV200F042CL2FD Datasheet
66Kb / 1P
4.0kV 200mA HIGH VOLTAGE DIODE
HV200F062CL2FE GETEDZ-HV200F062CL2FE Datasheet
66Kb / 1P
6.0kV 200mA HIGH VOLTAGE DIODE
R4000 GETEDZ-R4000 Datasheet
565Kb / 2P
200mA 3000V~5000V--High voltage silicon rectifier diode
R5000 GETEDZ-R5000 Datasheet
565Kb / 2P
200mA 3000V~5000V--High voltage silicon rectifier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com