Electronic Components Datasheet Search
  English  ▼

X  

TPL1209S Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPL1209S
Description  2W Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL1209S Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPL1209S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL1209S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL1209S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPL Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales@gztoppower.com
Page 1 of 3
DESCRIPTION
:
The TPL series are miniature, isolated 2W DC/DC converters in a SIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low
cost. The series offers smaller size, improved efficiency, lower output ripple noise and
1KVDC isolation.
2W Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency
V
V
mA
%
TPL0505S
5
5
400
77
TPL0509S
5
9
221
80
TPL0512S
5
12
168
83
TPL0515S
5
15
132
82
TPL1205S
12
5
400
80
TPL1209S
12
9
221
84
TPL1212S
12
12
168
86
TPL1215S
12
15
132
85
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Reflected ripple current
5V input variants
35
mA p-p
Reflected ripple current
12V input variants
40
mA p-p
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA= -40°C to 85°C
2.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.2
%/%
Load Regulation(10% load to rated load)
5V output variants
9
%
Load Regulation(10% load to rated load)
9V output variants
5
%
Load Regulation(10% load to rated load)
12V output variants
6
%
Load Regulation(10% load to rated load)
15V output variants
9
%
FEATURES
RoHS compliant
Single isolated output
1KVDC isolation
Efficiency up to 86%
Operating temperature: -40ºC to 85ºC
Power density 2.0W/cm
3
UL 94V-0 package material
Footprint from 1.05cm
2
Industry standard pinout
Input voltage: 5V, 12V
Output voltage: 5V, 9V, 12V, 15V
Custom solutions available
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300
℃
Internal power dissipation
800mW
Input voltage Vin, TPL05XX types
7V
Input voltage Vin, TPL12XX types
15V


Similar Part No. - TPL1209S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPL1209S TOPPOWER-TPL1209S Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
169Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
695Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL1209S TOPPOWER-TPL1209S Datasheet
195Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPL1209S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com