Electronic Components Datasheet Search
  English  ▼

X  

OM7764AS Datasheet(PDF) 1 Page - International Rectifier

Part # OM7764AS
Description  Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764AS Datasheet(HTML) 1 Page - International Rectifier

  OM7764AS Datasheet HTML 1Page - International Rectifier OM7764AS Datasheet HTML 2Page - International Rectifier OM7764AS Datasheet HTML 3Page - International Rectifier OM7764AS Datasheet HTML 4Page - International Rectifier OM7764AS Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low Dropout, 3.0A
Adjustable Positive Linear Regulator
5962 - 0323801MYA
Thru-Hole (MO-078AA)
www.irf.com
1
08/06/03
MO-078AA
OM7764ASC
Description
Features:
■ Dropout Voltage of 400mV at Full Load
■ Wide Input Range: 2.7V to 20V
■ Low Noise: 40mVRMS ( 10Hz to 10KHz )
■ Fast Transient Response
■ No Protection Diodes needed
■ Hermetic MO-078AA Package ensures
High Reliability
The OM7764ASC is a 3.0A, ultra low dropout, ad-
justable linear regulator specifically designed for low
voltage, high current applications. Housed in a her-
metic package, the dropout of these devices is
400mV at full load. All protective features are de-
signed into the circuit including thermal shutdown,
current limiting and safe area control. These units
are ideally suited for military/defense, commercial
aircraft, industrial control and other harsh environ-
ments where a hermetically sealed package is re-
quired.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Currrent
IO
3.0
A
Input Voltage
VIN
+20
V
Power Dissipation @ Tc = 25°C
PD
20
W
Thermal Resistance, Junction to Case
RθJC
5.0
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature Soldering (10second maximum)
TL
300
Product Summary
Part Number
Output Voltage
Current
Dropout
OM7764ASC
1.21V to 20V
3.0A
0.4V
PD - 94749


Similar Part No. - OM7764AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
OM7764ASC IRF-OM7764ASC Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
OM7764ASM IRF-OM7764ASM Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
More results

Similar Description - OM7764AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7581SC IRF-OM7581SC Datasheet
55Kb / 4P
Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Thru-Hole (C6)
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
logo
Maxim Integrated Produc...
MAX5084 MAXIM-MAX5084 Datasheet
267Kb / 4P
Ultra Low Dropout, 7.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA
19-3928; Rev 1; 4/06
logo
International Rectifier
IRUH50PA23B20 IRF-IRUH50PA23B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
OM7764 IRF-OM7764_13 Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com