Electronic Components Datasheet Search
  English  ▼

X  

CMS69273P Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CMS69273P
Description  Low Profile aesthetically neutral housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CMS69273P Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CMS69273P Datasheet HTML 1Page - Laird Tech Smart Technology CMS69273P Datasheet HTML 2Page - Laird Tech Smart Technology CMS69273P Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMS69273P
698 to 960 MHz/1710 to 2700 MHz
Low PIM Ceiling Mount Omnidirectional Antenna
PATTERNS
-35
-30
-25
-20
-15
-10
-5
0
5
90
60
30
0
330
300
270
240
210
180
150
120
Azimuth Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Phi 0° Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Phi 90° Plane
Radiation Pattern at 960 MHz
-35
-30
-25
-20
-15
-10
-5
0
5
90
60
30
0
330
300
270
240
210
180
150
120
Azimuth Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Phi 0° Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Phi 90° Plane
Radiation Pattern at 1575 MHz
-35
-30
-25
-20
-15
-10
-5
0
5
90
60
30
0
330
300
270
240
210
180
150
120
Azimuth Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Phi 0° Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Phi 90° Plane
Radiation Pattern at 698 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com