Electronic Components Datasheet Search
  English  ▼

X  

ADN2843 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2843
Description  10.709 Gbps Laser Diode Driver Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2843 Datasheet(HTML) 3 Page - Analog Devices

  ADN2843 Datasheet HTML 1Page - Analog Devices ADN2843 Datasheet HTML 2Page - Analog Devices ADN2843 Datasheet HTML 3Page - Analog Devices ADN2843 Datasheet HTML 4Page - Analog Devices ADN2843 Datasheet HTML 5Page - Analog Devices ADN2843 Datasheet HTML 6Page - Analog Devices ADN2843 Datasheet HTML 7Page - Analog Devices ADN2843 Datasheet HTML 8Page - Analog Devices ADN2843 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADN2843
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25°C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2 V
Digital Inputs (ALS, MODE) . . . . . . . . –0.5 V to VCC + 0.3 V
IMODN, IMODP . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 1.2 V
MOD_CONTROL to GND . . . . . . . . . . . . . . –0.5 V to 4.2 V
IBIAS_CONTROL to GND . . . . . . . . . . . . . . –0.5 V to 4.2 V
D_MOD to GND . . . . . . . . . . . . . . . . . . . . . . –0.5 V to 4.2 V
DATAP to GND . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to 4.2 V
DATAN to GND . . . . . . . . . . . . . . . . . . . . . . –0.5 V to 4.2 V
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature (TJ Max) . . . . . . . . . . . . . . . . . . 150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADN2843 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
ADN2843CHIPSET
–40°C to +85°C ADN2844 Control
Loop: 32-Lead LFCSP
ADN2845 Data
Switch: Dice
ADN2843CHIPSET-B –40°C to +85°C ADN2844 Control
Loop: Dice
ADN2845 Data
Switch: Dice
EVAL-ADN2843
Evaluation Board
ADN2844 METALLIZATION PHOTOGRAPH
GND
VCC
MODE
2390 m
3000 m
ERCAP
PAVCAP
GND
GND
GND
GND
GND
GND
GND
VCC
IBIAS_CTRL
IMOD_CTRL
D_IMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com