Electronic Components Datasheet Search
  English  ▼

X  

LMC1982CIN Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1982CIN
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1982CIN Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC1982CIN Datasheet HTML 4Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 5Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 6Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 7Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 8Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 9Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 10Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 11Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
General Information (Continued)
are serially shifted from the controller to the LMC1982. This
is followed by 8 bits of function value data. Data present in
the internal shift register is latched and the instruction is
executed.
Application Information
INPUT SELECTOR
The LMC1982’s input selector and mode control are shown
in
Figure 2. The input selector selects one of two stereo sig-
nal sources or a mute function with typical attenuation of
100 dB. The selected signals are then sent to a mode control
matrix. As shown in
Table 1, the matrix provides normal ste-
reo or can direct either channel to both LEFT or RIGHT SE-
LECT OUTPUTs. The third matrix mode is normal stereo.
The control matrix output is buffered and appears on each
channel’s respective SELECT OUT pin (6, 23). Switching
noise is kept to a minimum when mute is selected by using
a50 k
Ω bias resistor.
Noise performance is optimized through the use of emitter
followers in the mode control matrix’s output. Internal 50 k
Ω
resistors are connected to each input selector pin to provide
the proper bias point for the emitter follower buffers. Each in-
ternal 50 k
Ω bias resistor is connected to a common
half-supply (V
+/2) source. This produces a voltage at pins 6
and 23 (SELECT OUT) that is 1.4V below V
+/2 (typically
3.1V with V
+ = 9V). Since a DC voltage is present at the in-
put pins (4, 5, 24, and 25), input signal should be AC coupled
through a 1 µF capacitor.
The output signal at pins 6 and 23 can be used to drive ex-
teral audio processing circuits such as noise reduction
(LM1894–DNR or Dolby) or graphic equalizers (LMC835). It
is important that if any noise reduction is used it be placed
ahead of any tone controls or equalizers in the external cir-
cuit path to preserve the frequency spectrum of the selected
input signal. Otherwise, any frequency equalization could
prevent the proper operation of the noise reduction circuit. If
no external processor is used, a capacitor should be used to
couple the SELECT OUT signals directly to pins 7 and 22,
respetively.
MINIMUM LOAD IMPEDANCE
The LMC1982 employs emitter-followers to buffer the se-
lected stereo channels. The buffered signals are available at
pins 6 and 23 (SELECT OUT). The SELECT OUT buffers op-
erate with a typical bias current 1 mA.
The Electrical Specifications table lists a maximum input sig-
nal of 2.0 V
rms (2.5 Vpeak) for 1% THD at the SELECT OUT
pins. This distortion level is achieved when the minimum AC
load impedance seen by the SELECT OUT pins is 2.5 k
Ω
(2.5V/1 mA). Using lower load impedances results in clipping
at lower output levels. If the load impedance is DC-coupled,
an increased quiescent current can flow. Latch-up may occur
DS011028-5
FIGURE 1. Typical Application
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com