Electronic Components Datasheet Search
  English  ▼

X  

LMC1982CIV Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1982CIV
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1982CIV Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC1982CIV Datasheet HTML 5Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 6Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 7Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 8Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 9Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 10Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 11Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 12Page - National Semiconductor (TI) LMC1982CIV Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Information (Continued)
if the total emitter current exceeds 5 mA. Thus, maximum
output voltage can be increased and much lower distortion
levels can be achieved using load impedances of at least
25 k
Ω.
INPUT IMPEDANCE
The input impedance of pins 4, 5, 24 and 25 is defined by in-
ternal bias resistors and is typically 50 k
Ω.
The SELECT IN pins have an input impedance that varies
with the BASE and TREBLE control settings. The input im-
pedance is 100 k
Ω at DC and 19 kΩ at 1 kHz when the con-
trols are set at 0 dB. Minimum input impedance of 30.4 k
Ω at
DC and 16 k
Ω at 1 kHz occurs when maximum boost is se-
lected. At 10 kHz the minimum input impedance, with the
tone controls flat, is 6.8 k
Ω and, with the tone controls at
maximum boost, is 2.5 k
Ω.
EXTERNAL SIGNAL PROCESSING
The SELECT OUT pins (6 and 23) enable greater system
design flexibility by providing a means to implement an ex-
ternal processing loop. This loop can be used for noise re-
duction circuits such as DNR (LM1894) or multi-band
graphic equalizers (LMC835). If both are used, it is important
to ensure that the noise reduction circuitry precede the
equalization circuits. Failure to do so results in improper op-
eration of the noise reduction circuits. The system shown in
Figure 3 utilizes the external loop to include DNR and a
multi-band equalizer.
TONE CONTROL RESPONSE
Bass and treble tone controls are included in the LMC1982.
The tone controls used just two external capacitors for each
stereo channel. Each has a corner frequency determined by
the value of C2 and C3 (see
Figure 4) and internal resistors
in the feedback loop of the internal tone amplifier. The
maximum-boost or cut is determined by the data sent to the
LMC1982 (see
Table 1).
The typical tone control response shown in Typical Perfor-
mance Curves were generated with C2 = C3 = 0.0082 µF
and show the response for each step. When modifying the
tone control response it is important to note that the ratio of
C3 and C2 sets the mid-frequency gain. Symmetrical tone
response is achieved when C2 = C3. However, with
C2 = 2(C3) and the tone controls set to “flat”, the frequency
response will be flat at 20 Hz and 20 kHz, and +6 dB at
1 kHz.
The frequency where a tone control begins to deviate from a
flat response is referred to as the turn-over frequency. With
C = C2 = C3, the LMC1982’s treble turn-over frequency is
nominally
DS011028-6
FIGURE 2. Input and Mode Select Circuitry
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com