Electronic Components Datasheet Search
  English  ▼

X  

PCA9512 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9512
Description  Level shifting hot swappable I2C and SMBus buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9512 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9512 Datasheet HTML 4Page - NXP Semiconductors PCA9512 Datasheet HTML 5Page - NXP Semiconductors PCA9512 Datasheet HTML 6Page - NXP Semiconductors PCA9512 Datasheet HTML 7Page - NXP Semiconductors PCA9512 Datasheet HTML 8Page - NXP Semiconductors PCA9512 Datasheet HTML 9Page - NXP Semiconductors PCA9512 Datasheet HTML 10Page - NXP Semiconductors PCA9512 Datasheet HTML 11Page - NXP Semiconductors PCA9512 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product data sheet
PCA9512
Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
8
C1
0.01
µF
R4
10 k
Ω
R5
10 k
Ω
I/O PERIPHERAL CARD 1
R6
10 k
Ω
R3 5.1
Ω
C2
0.01
µF
VCC
VCC2
SDAIN
SCLIN
SDAOUT
SCLOUT
ACC
GND
CARD1_SDA
CARD1_SCL
PCA9512
C3
0.01
µF
R8
10 k
Ω
R9
10 k
Ω
I/O PERIPHERAL CARD 2
R10
10 k
Ω
R4 5.1
Ω
C4
0.01
µF
VCC
VCC2
SDAIN
SCLIN
SDAOUT
SCLOUT
ACC
GND
CARD2_SDA
CARD2_SCL
PCA9512
R1
10 k
Ω
R2
10 k
Ω
VCC2
VCC
SDA
SCL
BACKPLANE
BACKPLANE
CONNECTOR
SW02118
NOTE: Application assumes bus capacitance within “proper operation” region of Figures 5 and 6.
Figure 8. Hot swapping multiple I/O cards into a backplane using the PCA9512 with a custom connector
C1
0.01
µF
R3
10 k
Ω
R2
10 k
Ω
VCC
VCC2
SDAIN
SCLIN
SDAOUT
SCLOUT
ACC
GND
CARD_SDA
CARD_SCL
PCA9512
C2
0.01
µF
R4
10 k
Ω
R1
10 k
Ω
VCC 5 V
CARD_VCC, 3 V
SCL
SCL
SW02119
NOTE: Application assumes bus capacitance within “proper operation” region of Figures 5 and 6.
Figure 9. 5 V to 3.3 V level translator and bus buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com