Electronic Components Datasheet Search
  English  ▼

X  

PCA9536D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9536D
Description  4-bit I2C and SMBus I/O port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9536D Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9536D Datasheet HTML 1Page - NXP Semiconductors PCA9536D Datasheet HTML 2Page - NXP Semiconductors PCA9536D Datasheet HTML 3Page - NXP Semiconductors PCA9536D Datasheet HTML 4Page - NXP Semiconductors PCA9536D Datasheet HTML 5Page - NXP Semiconductors PCA9536D Datasheet HTML 6Page - NXP Semiconductors PCA9536D Datasheet HTML 7Page - NXP Semiconductors PCA9536D Datasheet HTML 8Page - NXP Semiconductors PCA9536D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Objective data sheet
PCA9536
4-bit I2C and SMBus I/O port
2004 Aug 20
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
SW02190
I/O0
I/O1
I/O2
GND
VDD
SDA
SCL
I/O3
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 2, 3, 5
I/O0–3
I/O0 to I/O3
4
VSS
Supply ground
6
SCL
Serial clock line
7
SDA
Serial data line
8
VDD
Supply voltage
BLOCK DIAGRAM
POWER-ON
RESET
INPUT
FILTER
I2C/SMBUS
CONTROL
INPUT/
OUTPUT
PORTS
WRITE pulse
READ pulse
SCL
SDA
VDD
VSS
4-BIT
I/O0
I/O1
I/O2
I/O3
SW02191
NOTE: ALL I/Os ARE SET TO INPUTS AT RESET
PCA9536
Figure 2. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com