Electronic Components Datasheet Search
  English  ▼

X  

PCA9536DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C and SMBus I/O port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9536DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors PCA9536DP Datasheet HTML 11Page - NXP Semiconductors PCA9536DP Datasheet HTML 12Page - NXP Semiconductors PCA9536DP Datasheet HTML 13Page - NXP Semiconductors PCA9536DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Objective data sheet
PCA9536
4-bit I2C and SMBus I/O port
2004 Aug 20
10
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under ”
Handling MOS devices”.
DC CHARACTERISTICS
VDD = 2.3 to 5.5 V; VSS = 0 V; Tamb = –40 °C to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
—
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V; no load;
fSCL = 100 kHz
—
104
175
µA
Istbl
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VSS; fSCL = 0 kHz; I/O = inputs
—
225
350
µA
Istbh
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VDD; fSCL = 0 kHz; I/O = inputs
—
0.25
1
µA
VPOR
Power-on reset voltage (Note 1)
No load; VI = VDD or VSS
—
1.5
1.65
V
input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
—
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
—
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
tbd
—
mA
IL
Leakage current
VI = VDD = VSS
–1
—
+1
µA
CI
Input capacitance
VI = VSS
—
6
10
pF
I/Os
VIL
LOW-level input voltage
–0.5
—
0.8
V
VIH
HIGH-level input voltage
2.0
—
5.5
V
VOL = 0.5 V; VDD = 2.3 V; Note 2
8
10
—
mA
VOL = 0.7 V; VDD = 2.3 V; Note 2
10
13
—
mA
IO
LOW level output current
VOL = 0.5 V; VDD = 4.5 V; Note 2
8
17
—
mA
IOL
LOW-level output current
VOL = 0.7 V; VDD = 4.5 V; Note 2
10
24
—
mA
VOL = 0.5 V; VDD = 3.0 V; Note 2
8
14
—
mA
VOL = 0.7 V; VDD = 3.0 V; Note 2
10
19
—
mA
IOH = –8 mA; VDD = 2.3 V; Note 3
1.8
—
—
V
IOH = –10 mA; VDD = 2.3 V; Note 3
1.7
—
—
V
VO
HIGH level output voltage
IOH = –8 mA; VDD = 3.0 V; Note 3
2.6
—
—
V
VOH
HIGH-level output voltage
IOH = –10 mA; VDD = 3.0 V; Note 3
2.5
—
—
V
IOH = –8 mA; VDD = 4.75 V; Note 3
4.1
—
—
V
IOH = –10 mA; VDD = 4.75 V; Note 3
4.0
—
—
V
IIH
Input leakage current
VDD = 3.6 V; VI = VDD
—
—
1
µA
IIL
Input leakage current
VDD = 5.5 V; VI = VSS
—
—
–100
µA
CI
Input capacitance
—
3.7
5
pF
CO
Output capacitance
—
3.7
5
pF
NOTES:
1. VDD must be lowered to 0.2 V in order to reset part.
2. The total current sunk by all I/Os must be limited to 100 mA.
3. The total current sourced by all I/Os must be limited to 85 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com