Electronic Components Datasheet Search
  English  ▼

X  

AM23HD-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM23HD-F
Description  SOT-23 SURFACE MOUNT LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM23HD-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM23HD-F Datasheet HTML 1Page - List of Unclassifed Manufacturers AM23HD-F Datasheet HTML 2Page - List of Unclassifed Manufacturers AM23HD-F Datasheet HTML 3Page - List of Unclassifed Manufacturers AM23HD-F Datasheet HTML 4Page - List of Unclassifed Manufacturers AM23HD-F Datasheet HTML 5Page - List of Unclassifed Manufacturers AM23HD-F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AM23-F-2
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at T)=25°°°°°C
Electrical / Optical Characteristics at T)=25°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
0
0
7
5
2
6
5
6
5
0
9
5
m
nA
m
0
2
=
F
I
λ
∆
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
5
4
5
4
0
3
5
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
0
4
2
1
5
4
0
1
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
0
.
2
0
.
2
2
.
2
1
.
2
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
r
r
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
t
h
g
ir
Bd
e
R
t
h
g
ir
B
d
e
R
t
h
g
ir
B
d
e
R
t
h
g
ir
Bd
e
R
t
h
g
ir
B
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
d
e
R
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
w
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Ys
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
2
15
0
15
0
15
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D5
20
35
20
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
5
10
5
10
5
10
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
.
o
N
tr
a
Pe
c
i
De
p
y
T
s
n
e
L
)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
p
y
T
2
/
1
θ
2
F
-
D
H
3
2
M
A
)
P
a
G
(
D
E
R
T
H
G
I
R
B
D
E
S
U
F
F
I
D
D
E
R5
.
01
°
0
4
1
F
-
C
H
3
2
M
A
R
A
E
L
C
R
E
T
A
W5
.
01
°
0
4
1
F
-
D
I
3
2
M
A
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
D
E
R8
0
2°
0
4
1
F
-
C
E
3
2
M
A
R
A
E
L
C
R
E
T
A
W8
0
2°
0
4
1
F
-
D
Y
3
2
M
A
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
D
E
S
U
F
F
I
D
W
O
L
L
E
Y5
8
°
0
4
1
F
-
C
Y
3
2
M
A
R
A
E
L
C
R
E
T
A
W5
8
°
0
4
1
F
-
D
G
S
3
2
M
A
)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
S
D
E
S
U
F
F
I
D
N
E
E
R
G8
5
1°
0
4
1
F
-
C
G
S
3
2
M
A
R
A
E
L
C
R
E
T
A
W8
5
1°
0
4
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com