Electronic Components Datasheet Search
  English  ▼

X  

AM29LV800T Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29LV800T
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800T Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29LV800T Datasheet HTML 8Page - Advanced Micro Devices AM29LV800T Datasheet HTML 9Page - Advanced Micro Devices AM29LV800T Datasheet HTML 10Page - Advanced Micro Devices AM29LV800T Datasheet HTML 11Page - Advanced Micro Devices AM29LV800T Datasheet HTML 12Page - Advanced Micro Devices AM29LV800T Datasheet HTML 13Page - Advanced Micro Devices AM29LV800T Datasheet HTML 14Page - Advanced Micro Devices AM29LV800T Datasheet HTML 15Page - Advanced Micro Devices AM29LV800T Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
Am29LV800T/Am29LV800B
PRELIMINARY
Table 4.
Sector Address Tables (Am29LV800T)
Note: The address range is A18:A-1 if in byte mode (BYTE = VIL). The address range is A18:A0 if in word mode (BYTE = VIH).
A18
A17
A16
A15
A14
A13
A12
Sector Size
(x8)
Address Range
(x16)
Address Range
SA0
0000
X
X
X
64 Kbytes
32 Kwords
00000h-0FFFFh
00000h-07FFFh
SA1
0001
X
X
X
64 Kbytes
32 Kwords
10000h-1FFFFh
08000h-0FFFFh
SA2
0010
X
X
X
64 Kbytes
32 Kwords
20000h-2FFFFh
10000h-17FFFh
SA3
0011
X
X
X
64 Kbytes
32 Kwords
30000h-3FFFFh
18000h-1FFFFh
SA4
0100
X
X
X
64 Kbytes
32 Kwords
40000h-4FFFFh
20000h-27FFFh
SA5
0101
X
X
X
64 Kbytes
32 Kwords
50000h-5FFFFh
28000h-2FFFFh
SA6
0110
X
X
X
64 Kbytes
32 Kwords
60000h-6FFFFh
30000h-37FFFh
SA7
0111
X
X
X
64 Kbytes
32 Kwords
70000h-7FFFFh
38000h-3FFFFh
SA8
1000
X
X
X
64 Kbytes
32 Kwords
80000h-8FFFFh
40000h-47FFFh
SA9
1001
X
X
X
64 Kbytes
32 Kwords
90000h-9FFFFh
48000h-4FFFFh
SA10
1010
X
X
X
64 Kbytes
32 Kwords
A0000h-AFFFFh
50000h-57FFFh
SA11
1011
X
X
X
64 Kbytes
32 Kwords
B0000h-BFFFFh
58000h-5FFFFh
SA12
1100
X
X
X
64 Kbytes
32 Kwords
C0000h-CFFFFh
60000h-67FFFh
SA13
1101
X
X
X
64 Kbytes
32 Kwords
D0000h-DFFFFh
68000h-6FFFFh
SA14
1110
X
X
X
64 Kbytes
32 Kwords
E0000h-EFFFFh
70000h-77FFFh
SA15
11110
X
X
32 Kbytes
16 Kwords
F0000h-F7FFFh
78000h-7BFFFh
SA16
1111100
8 Kbytes
4 Kwords
F8000h-F9FFFh
7C000h-7CFFFh
SA17
1111101
8 Kbytes
4 Kwords
FA000h-FBFFFh
7D000h-7DFFFh
SA18
111111
X
16 Kbyte
8 Kwords
FC000h-FFFFFh
7E000h-7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com