Electronic Components Datasheet Search
  English  ▼

X  

LMC1983CIV Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1983CIV
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1983CIV Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMC1983CIV Datasheet HTML 6Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 7Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 8Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 9Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 10Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 11Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 12Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 13Page - National Semiconductor (TI) LMC1983CIV Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Information (Continued)
no affect on a respective control. They are necessary to
properly position the data in the LMC1983’s internal data
shift register. Unexpected results may take place if these bits
are not sent.
The LMC1983’s internal data shift register can handle either
a 16-bit word or two 8-bit serial data transmissions. It is the
final 8 bits of data received before the ID line goes high that
are used as the LMC1983 selection and function addresses.
The final eight bits after the ID line returns high are used to
change a function’s operating point. CLK must be stopped
when the final 8 data bits are received. The data stored in the
internal data latch remains unchanged until the ID is pulsed,
signifying the end of data transmission. When ID is pulsed,
the new data in the data shift register is latched into the data
latch and the selected function takes on a new operating
point.
A complete description and more information concerning the
IM Bus is given in the appendix of ITT’s CCU2000
datasheet.
DIGITAL I/O
The LMC1983’s two Digital Input pins, 2 and 3, provide
single-bit communication between a peripheral device and
the controller over the IM Bus. Each pin has an internal
30 k
Ω pull-up resistor. Therefore, these pins should be con-
nected to open collector/drain outputs. The type of informa-
tion that could be received on these lines and retrieved by a
controller include FM stereo pilot indication, power on/off,
Secondary Audio Program (SAP), etc.
According to
Table 1, the logic state of DIGITAL INPUT 1 and
DIGITAL INPUT 2 is latched and can be retrieved over the IM
Bus using the read command (47
H). The single-bit informa-
tion sent on the IM Bus is active low since these lines are in-
ternally pulled high.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com