Electronic Components Datasheet Search
  English  ▼

X  

LMC2626 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC2626
Description  CMOS LDOR/Buffer Chip for Row Inversion Flat Panel Display Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC2626 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC2626 Datasheet HTML 1Page - National Semiconductor (TI) LMC2626 Datasheet HTML 2Page - National Semiconductor (TI) LMC2626 Datasheet HTML 3Page - National Semiconductor (TI) LMC2626 Datasheet HTML 4Page - National Semiconductor (TI) LMC2626 Datasheet HTML 5Page - National Semiconductor (TI) LMC2626 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
ESD Tolerance 2 kV HBM 200V MM (Note 4)
Sync Input Voltage
P5V
Supply Voltage (VIN P5V)
63V
Continuous Total Power Dissipation (Note 1)
Lead Temperature (less than 10 sec)
260 C
Storage Temperature Range
b
65 Cto a150 C
Junction Temperature
150 C
Operating Ratings (Note 1)
VIN Supply Voltage
45V s VIN s 55V
P5V Supply Voltage (Note 5)
48V s P5V s 52V
Junction Temperature Range
b
25 Cto a125 C
Ambient Temperature Range
b
40 Cto a85 C
DC Electrical Characteristics
Unless otherwise specified all limits guaranteed for b20 C s TA s a85 C P5V e 5V and 45V s VIN s 55V VREF e 1227V
SYNC(OPEN) SD(OPEN) k P5V e VIN e 5V
VSH LDO Voltage Regulator
(Notes 7 10 11)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 9)
VO(VREF)
VREF Voltage Level
SD e 0V
in Shutdown
IVREF eb1 mA
400
476
V
VIN e 5V
IVREF
DC Current from
b
400
b
133
b
5
m
A
VREF Pin
VSH
Output Voltage on
45V s VIN s 55V
VSH Pin (see Note 2)
20 mA s IL s 150 mA
410
420
430
V
1218 s VREF s 1242
D
VSH
Variation of VSH over
45V s VIN s 55V
4
126
mV
Temperature
20 mA s IL s 150 mA
VDO
LDOR Voltage Dropout
IL e 150 mA
017
030
V
(VIN–VSH)
IS(VIN)
VIN Supply Current
230
394
500
m
A
Load Regulation of LDO
45V s VIN s 55V
0002
0015
%mA
Voltage Regulation
20 mA s IL s 150 mA
Line Regulation of LDOR
45V s VIN s 55V
024
095
%V
20 mA s IL s 150 mA
TSD
Thermal Shutdown
(see Note 8)
160
C
Threshold
IOUT
Output Load Current
(see Note 2)
300
mA
Shutdown Control
(Note 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 9)
IIL(SD)
Low Level Input Current
VIN e 5V
b
300
b
217
b
150
m
A
for SD Pin
SD e 0V
IIH(SD)
High Level Input Current
SD e 5V
310
1000
nA
for SD Pin
Is(SD)
VIN Supply Current
180
285
400
m
A
in Shutdown Mode
Cin(SYNC)
Input Capacitance
SYNC e 5V
20
pF
at SYNC Pin (Note 6)
TA e 27 C
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com