Electronic Components Datasheet Search
  English  ▼

X  

DLCN1111 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # DLCN1111
Description  MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

DLCN1111 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  DLCN1111 Datasheet HTML 1Page - Red Lion Controls. Inc DLCN1111 Datasheet HTML 2Page - Red Lion Controls. Inc DLCN1111 Datasheet HTML 3Page - Red Lion Controls. Inc DLCN1111 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DeviceNet™ SPECIFICATIONS
POWER SUPPLY
Source: Supplied by DeviceNet bus. The bus does not power the host.
Voltage: 11 to 25 VDC.
Current:
Nominal: 40 mA at 25 VDC.
Inrush: 550 mA for 5 msec at 25 VDC.
NETWORK SPECIFICS
Compatibility: Group 2 Server Only, not UCMM capable.
Baud Rates: 125 Kbaud, 250 Kbaud, and 500 Kbaud.
Bus Interface: Phillips 82C250 or equivalent with mis-wiring protection
per DeviceNet Volume 1 Section 10.2.2.
Node Isolation: Bus powered, isolated node.
Host Isolation: 500 Vrms for 1 minute (50 V working) between
DeviceNet and DLC input common.
INSTALLATION INFORMATION
Factory Settings:
Baud rate: Autobaud
MAC ID: 63
Strobe Register: 03h
Swap data flag: Off.
Bus Connection - based on model chosen. See ORDERING INFORMATION,
Page 1. For Connection Options, See Diagram on Page 4.
Note: Shield has no internal connection in the DLCN.
Standard Wire Colors:
CONNECTION SIZES
Device Profile: This product conforms to the DeviceNet specification
Volumes I and II of version 2.0.
Device Configuration: No DeviceNet configuration is supported.
However, some DLC configuration is supported.
SUPPORT CONNECTIONS
Polled Command: The Polled Command produces 4 bytes of data, and is used
to get, or set attributes. The device attribute is determined by the value in byte
0 of the data field. Refer to the Supported Attributes table for the appropriate
value. Byte 1 determines the action: 0 = get, 1 = set. The next 2 bytes are the
new attribute value for the set command. For get commands, enter 2 zeros.
The data response from the Polled Command is in the format of a 2 byte
hexadecimal number. For the get command (0), the response is the attribute
value. For the set command (1), the response is an echo of the data input.
Bit Strobe Command: The data response from the Bit Strobe Command is in
the format of a 2 byte hexadecimal number. The register that will be read
using the Bit Strobe command is determined by setting Attribute 2, Instance
1, Class 100* (decimal) with a value that represents the desired attribute.
Refer to the Supported Attributes table for the appropriate value.
EXPLICIT MESSAGE COMMAND
Get Attribute: The attribute that will be read using the Get Attribute command is
determined by setting Service Code 14, Instance 1, Class 100* (decimal), and
the attribute with a value that represents the desired meter attribute. Refer to the
Supported Attributes table for the appropriate value. The data response from
the Get Attribute Command is in the format of a 2 byte hexadecimal number.
Set Attribute: The attribute that will be set using the Set Attribute command is
determined by setting Service Code 16, Instance 1, Class 100* (decimal), and
the attribute with a value that represents the desired meter attribute. Refer to
the Supported Attributes table for the appropriate value. The data field for the
Set Attribute Command is entered as a 2 byte hexadecimal number.
OTHER EXPLICIT MESSAGE ATTRIBUTES
Data Byte Swap: (1 byte), Attribute 1, Instance 1, Class 100* (decimal). Data
is normally sent and entered as follows: DLC value = 50000 (C350h). 2 byte
value sent would be 50C3. Setting the data swap value to 1 would result in
the data being sent as C350. This attribute can only be set to 0 or 1, all other
values are ignored. The factory setting value is 0. Data byte is saved in
EEPROM memory.
Data Update: The DeviceNet interface is continually requesting values from the
DLC main processor and updating buffer registers. As such, valid attribute
values are always available over DeviceNet at the maximum bus rate.
Vendor Specific Error Responses
*Class 100 (decimal) is a vendor specific class.
CODE ERROR #
ERROR CODE MEANING
1F (General Code)
Vendor Specific Error
1 (Additional Code)
Device Response Time-out
2 (Additional Code)
Vendor Service Not Supported
3 (Additional Code)
Command String Syntax Error
MESSAGE
PRODUCED
CONSUMED
Explicit
4 Bytes
2 Bytes
Polled
4 Bytes
2 Bytes
Bit Strobe
8 Bytes
2 Bytes
1
4 5 2
3
1 = SHIELD
2= V+
3= V
4 = CAN H
5 = CAN L
1
2
3
4
5
V
CAN L
SHIELD
CAN H
V+
M12
COMBICON
V+
Red
V-
Black
CAN_H
White
CAN_L
Blue
SHIELD
Bare



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com