Electronic Components Datasheet Search
  English  ▼

X  

PCU10000 Datasheet(PDF) 19 Page - Red Lion Controls. Inc

Part # PCU10000
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU10000 Datasheet(HTML) 19 Page - Red Lion Controls. Inc

Back Button PCU10000 Datasheet HTML 15Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 16Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 17Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 18Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 19Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 20Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 21Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 22Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 23Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
FRONT PANEL DESCRIPTION
The front panel bezel material is
flame and scratch resistant, tinted
plastic. An optional NEMA
4X/IP65 bezel version is available
that
meets
NEMA
4X/IP65
requirements, when properly
installed. There are two 4-digit
LED displays, a red upper Main
Display and a lower green
Secondary Display.
There are up to six annunciators
depending on options installed,
with
red
backlighting,
that
illuminate to inform the operator
of the controller and output status.
See Figure 10, Front Panel for a
description of the available
annunciators.
Four front panel buttons are
used to access different modes and
parameters. The following is a
description of each button.
BUTTON FUNCTIONS
DSP - In the normal operating
mode, the Display (DSP) button
is used to select one of the
operational parameters in the
secondary display. In the
Configuration
Parameter
Modes, pressing this button
causes the unit to exit (escape) to the normal operating mode with no
changes made to the selected parameter.
UP, DN - In the normal operating mode, the Up/Down buttons can be used to
directly modify the setpoint value or % output power (manual mode only),
when viewed in the secondary display. Otherwise, the parameter must be
called to alter the value.
PAR - The Parameter (PAR) button is used to access, enter the change, and
scroll through the available parameters in any mode.
-11-
Figure 10, Front Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com