Electronic Components Datasheet Search
  English  ▼

X  

PD50F5 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD50F5
Description  FRD MODULE - 50A/500Vtrr:90NSEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD50F5 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD50F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD50F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD MODULE 50A/500V/trr:90nsec
PD50F5
PD50F5
PD50F5
PD50F5
Maximum Ratings
Approx Net Weight:105g
Voltage
Voltage
Voltage
Voltage Rating
Rating
Rating
Rating
Symbol
PD50F5
Unit
Repetitive Peak Reverse Voltage
per Arm
VRRM
500
V
Electri
Electri
Electri
Electrical Rating
cal Rating
cal Rating
cal Rating
Condition
Condition
Condition
Condition
Rating
Rating
Rating
Rating
Average Rectified Output Current
IO
50Hz Half Sine Wave condition
per Arm Tc=90
°C
50
A
RMS Forward Current
IF(RMS) per Arm
78
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-repetitive per Arm
800
A
I Squared t
I2t
2 msec to 10 msec per Arm
3200
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminal, AC1min
2000
V
Case mounting(recommended)
2.6
Mounting torque
Ftor
Terminal Screw(recommended)
1.4
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Forward Voltage
VFM
IFM= 50A, Tj=25
°C, per Arm
1.35
V
Peak Reverse Current
IRM
VRM= VRRM, Tj= 150
°C, per Arm
10
mA
Reverse Recovery Time
trr
IFM= 10A, -di/dt= 50 A/
µs, Ta= 25°C
Per Arm
90
ns
Rth(j-c) Junction to Case per Arm
0.8
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.1
°C/W
Internal Lead Inductance
Ls
Anode Terminal to Cathode Terminal
Per Element
30
nH
FEATURES
* Isolated Base
* Dual Diode Doubler Circuit
* Ultra Fast Recovery
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* High Frequency Rectification
OUTLINE DRAWING


Similar Part No. - PD50F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD50F2 NIEC-PD50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
logo
Kyocera Kinseki Corpota...
PD50F2 KSS-PD50F2 Datasheet
461Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
Kyocera Kinseki Corpota...
PD50F4 KSS-PD50F4 Datasheet
459Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
PD50F6 NIEC-PD50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/ TRR : 100 NSEC
More results

Similar Description - PD50F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD50F6 NIEC-PD50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/ TRR : 100 NSEC
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
PC50F2 NIEC-PC50F2 Datasheet
29Kb / 2P
FRD MODULE 50A/200Vtrr:80nsec
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
FRD MODULE 50A/500V/trr:90nsec
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
MagnaChip Semiconductor...
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com