Electronic Components Datasheet Search
  English  ▼

X  

NJM8513 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM8513
Description  Precision, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8513 Datasheet(HTML) 4 Page - New Japan Radio

  NJM8513 Datasheet HTML 1Page - New Japan Radio NJM8513 Datasheet HTML 2Page - New Japan Radio NJM8513 Datasheet HTML 3Page - New Japan Radio NJM8513 Datasheet HTML 4Page - New Japan Radio NJM8513 Datasheet HTML 5Page - New Japan Radio NJM8513 Datasheet HTML 6Page - New Japan Radio NJM8513 Datasheet HTML 7Page - New Japan Radio NJM8513 Datasheet HTML 8Page - New Japan Radio NJM8513 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NJM8512/NJM8513
- 4 -
Ver.04
■ELECTRICAL CHARACTERISTICS (V
+/V-=±5V, Ta=25°C, V
ICM=0V, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Characteristics
Input Offset Voltage
NJM8512Bx / NJM8513Bx
VIO1
-
80
400
µV
VIO2
Ta = -40ºC to 125ºC
-
-
700
µV
NJM8512Ax / NJM8513Ax
VIO1
-
80
800
µV
VIO2
Ta = -40ºC to 125ºC
-
-
1400
µV
Input Offset Voltage Drift
NJM8512Bx / NJM8513Bx
ΔVio/ΔT
Ta = -40ºC to 125ºC
-
0.8
5
µV/ºC
NJM8512Ax / NJM8513Ax
ΔVio/ΔT
Ta = -40ºC to 125ºC
-
1
9
µV/ºC
Input Bias Current
IB1
-
21
75
pA
IB2
Ta = -40ºC to 125ºC
-
-
31
nA
Input Offset Current
IIO1
-
5
50
pA
IIO2
Ta = -40ºC to 125ºC
-
-
2
nA
Common Mode Input Voltage Range
VICM1
CMR ≧ 86dB
-2
-
+2.5
V
VICM2
CMR ≧ 80dB,
Ta = -40ºC to 125ºC
-2
-
+2.5
V
Common Mode Rejection Ratio
CMR1
VCM=-2V to +2.5V
86
108
-
dB
CMR2
VCM=-2V to +2.5V,
Ta = -40ºC to 125ºC
80
-
-
dB
CMR3
VCM=-1V to +2V
92
113
-
dB
Voltage Gain
AV1
RL=2kΩ, VO=-3V to +3V
85
93
-
dB
AV2
RL=2kΩ, VO=-3V to +3V,
80
-
-
dB
Ta = -40ºC to 125ºC
AV3
RL=10k
Ω, VO=-3V to +3V
90
100
-
dB
Input capacitance
CIN
-
10
-
pF
Channel Separation
CS
DC
-
125
-
dB
Output Characteristics
Maximum Output Voltage
VOH1
RL=10kΩ, Ta = -40ºC to 125ºC
+4.1
+4.3
-
V
VOL1
RL=10kΩ, Ta = -40ºC to 125ºC
-
-4.9
-4.7
V
VOH2
RL=2kΩ, Ta = -40ºC to 125ºC
+3.9
+4.2
-
V
VOL2
RL=2kΩ, Ta = -40ºC to 125ºC
-
-4.9
-4.5
V
VOH31
RL=600Ω
+3.7
+4.1
-
V
VOH32
RL=600Ω, Ta = -40ºC to 125ºC
+3.6
-
-
V
VOL41
RL=600Ω
-
-4.8
-4.3
V
VOL42
RL=600Ω, Ta = -40ºC to 125ºC
-
-
-4.2
V
Supply Characteristics
Supply Current (ALL Amps) : NJM8512
ICC1
GV=+1, RL=∞
-
2.0
3.0
mA
ICC2
GV=+1, RL=∞, Ta = -40ºC to 125ºC
-
-
3.3
mA
Supply Current (ALL Amps) : NJM8513
ICC1
GV=+1, RL=∞
-
4.0
6.0
mA
ICC2
GV=+1, RL=∞, Ta = -40ºC to 125ºC
-
-
6.6
mA
Dynamic Performance
Unity Gain Frequency
fT
GV=+100, RL=2kΩ, CL=10pF
-
7
-
MHz
Slew Rate
+SR
RISE, GV=+1, VIN=2Vpp, RL=2kΩ
-
18
-
V/µs
-SR
FALL, GV=+1, VIN=2Vpp, RL=2kΩ
-
18
-
V/µs
Settling Time
ts1
To 0.1%, 0V to 4V step, Gv=+1
-
0.5
-
µs
Phase Margin
ΦM
-
65
-
deg
Total Harmonic Distortion
THD
fo=1kHz, GV=+1, RL=2kΩ
-
0.0005
-
%
Noise Performance
Input Voltage Noise Density
VNI
fo=0.1Hz to 10Hz
-
0.9
-
µVpp
en1
fo=10Hz
-
20
-
nV/√Hz
en2
fo=100Hz
-
11
-
nV/√Hz
en3
fo=1kHz
-
10
-
nV/√Hz
en4
fo=10kHz
-
9
-
nV/√Hz
(Note) Measurement is to be conducted in pulse testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com