Electronic Components Datasheet Search
  English  ▼

X  

PI3B3244 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3244
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3244 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3244 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8149F
08/25/04
BE2
BE1
1B1
1B0
1A1
1A0
1B1
1B0
1A3
1A2
2B1
2B0
2A1
2A0
2B3
2B2
2A3
2A2
B
A
BE
SW
SW
SW
SW
SW
SW
SW
SW
SW
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
BE1
1
A0
2
B3
1
A1
2
B2
1
A2
2
B1
1
A3
2
B0
GND
Vcc
BE2
1
B0
2
A3
1
B1
2
A2
1
B2
2
A1
1
B3
2
A0
Description
Pericom Semiconductor’s PI3B series of logic circuits are produced
using the Company’s advanced sub-micron CMOS technology,
achieving industry leading performance.
The PI3B3244 features a set of 3.3V 8-bit bus switches, which is
pinout and function compatible with the P74FCT244T, 74F244, and
74ALS/AS/LS2448-bit drivers. Two enable signals (BEn) turn the
switches on similar to the enable signals of the 244. The bus switch
create no additional propagation delay or ground bounce noise.
Truth Table(1)
Note:
1. H = High Voltage Level, L = Low Voltage Level
Block Diagram
PinDescription
PinName
Description
BEn
Bus Enable Input (Active LOW)
A0–7
Bus A
B0–7
Bus B
GND
Ground
VCC
Power
PinConfiguration
PI3B3244
3.3V, Hot Insertion,
8-Bit, 2-Port NanoSwitch™
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs when enabled
• Fast Switching Speed - 4.5ns max.
• Ultra-Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Pin compatible with 74 series 244 logic devices
• Packaging:
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 173-mil wide plastic TSSOP (L)
20-Pin
Q,L
1
E
B2
E
BB
1
,
A
1B
2
,
A
2
HH
t
c
e
n
n
o
c
s
i
Dt
c
e
n
n
o
c
s
i
D
LH
B
1
=
A
1t
c
e
n
n
o
c
s
i
D
HL
t
c
e
n
n
o
c
s
i
DB
2
=
A
2
LL
B
1
=
A
1B
2
=
A
2


Similar Part No. - PI3B3244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3244LE PERICOM-PI3B3244LE Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results

Similar Description - PI3B3244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com