Electronic Components Datasheet Search
  English  ▼

X  

AS1431DR4DBV7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS1431DR4DBV7
Description  Precision Adjustable Shunt Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS1431DR4DBV7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AS1431DR4DBV7 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1431DR4DBV7 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ASTEC Semiconductor
AS1431
Precision Adjustable Shunt Reference
Typical Performance Curves
Figure 10
Figure 11
100
10
1.0
0.1
0.01
1 k
10 k
100 k
f – Frequency (Hz)
1 M
10 M
T
A = 25°C
I
K = 1 to 100 mA
Dynamic Output Impedance
70
60
50
40
30
20
10
0
1 k
10 k
100 k
1 M
10 M
f – Frequency (Hz)
230
Ω
I
K
Temperature Range: –55 to 125
°C
I
K = 10 mA
OUT
GND
15 k
8.25 k
9
µF
Small Signal Voltage Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com