Electronic Components Datasheet Search
  English  ▼

X  

LMC567 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC567
Description  Low Power Tone Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC567 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC567 Datasheet HTML 1Page - National Semiconductor (TI) LMC567 Datasheet HTML 2Page - National Semiconductor (TI) LMC567 Datasheet HTML 3Page - National Semiconductor (TI) LMC567 Datasheet HTML 4Page - National Semiconductor (TI) LMC567 Datasheet HTML 5Page - National Semiconductor (TI) LMC567 Datasheet HTML 6Page - National Semiconductor (TI) LMC567 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Performance Characteristics
Applications Information (refer to Block
Diagram)
GENERAL
The LMC567 low power tone decoder can be operated at
supply voltages of 2V to 9V and at input frequencies ranging
from 1 Hz up to 500 kHz.
The LMC567 can be directly substituted in most LM567 ap-
plications with the following provisions:
1.
Oscillator timing capacitor Ct must be halved to double
the oscillator frequency relative to the input frequency
(See OSCILLATOR TIMING COMPONENTS).
2.
Filter capacitors C1 and C2 must be reduced by a factor
of 8 to maintain the same filter time constants.
3.
The output current demanded of pin 8 must be limited to
the specified capability of the LMC567.
OSCILLATOR TIMING COMPONENTS
The voltage-controlled oscillator (VCO) on the LMC567 must
be set up to run at twice the frequency of the input signal
tone to be decoded. The center frequency of the VCO is set
by timing resistor Rt and timing capacitor Ct connected to
pins 5 and 6 of the IC. The center frequency as a function of
Rt and Ct is given by:
Since this will cause an input tone of half F
osc to be decoded,
This equation is accurate at low frequencies; however,
above 50 kHz (F
osc = 100 kHz), internal delays cause the
actual frequency to be lower than predicted.
The choice of Rt and Ct will be a tradeoff between supply
current and practical capacitor values. An additional supply
current component is introduced due to Rt being switched to
V
s every half cycle to charge Ct:
I
s due to Rt = Vs/(4Rt)
Thus the supply current can be minimized by keeping Rt as
large as possible (see supply current vs. operating fre-
quency curves). However, the desired frequency will dictate
an RtCt product such that increasing Rt will require a smaller
Ct. Below Ct = 100 pF, circuit board stray capacitances be-
gin to play a role in determining the oscillation frequency
which ultimately limits the minimum Ct.
To allow for I.C. and component value tolerances, the oscil-
lator timing components will require a trim. This is generally
accomplished by using a variable resistor as part of Rt, al-
though Ct could also be padded. The amount of initial fre-
quency variation due to the LMC567 itself is given in the
electrical specifications; the total trim range must also ac-
commodate the tolerances of Rt and Ct.
Supply Current vs.
Operating Frequency
DS008670-3
Bandwidth vs.
Input Signal Level
DS008670-7
Largest Detection
Bandwidth vs. Temp.
DS008670-8
Bandwidth as
a Function of C2
DS008670-9
Frequency Drift
with Temperature
DS008670-10
Frequency Drift
with Temperature
DS008670-11
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com