Electronic Components Datasheet Search
  English  ▼

X  

PI3C3305 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C3305
Description  2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3305 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C3305 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3305 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3305 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3305 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3305 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3305 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8417E
09/07/04
Description
Pericom Semiconductor’s PI3C3305 and PI3C3306 are 2.5V or
3.3 Volt, 2-bit bus switches designed with fast individual enables.
When enabled via the associated Bus Enable (BE) pin, the “A” pin
is directly connected to the “B” pin for that particular gate. The
bus switch introduces no additional propagation delay or additional
ground bounce noise.
The PI3C3306 device has active LOW enables, and the PI3C3305
has active HIGH enables. It is very useful in switching signals that
have high bandwidth (>400 MHz).
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High Bandwidth (>400 MHz)
• Rail-to-Rail, 3.3V or 2.5V Switching
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Permits Hot Insertion
• Packaging (Pb-free & Green Available):
– 8-pin 173-mil wide plastic TSSOP
– 8-pin 118-mil wide plastic MSOP
Applications
• High Bandwidth Data Switching
• Hot Docking
PI3C3305 Block Diagram
PI3C3306 Block Diagram
PI3C3305
PI3C3306
2.5V/3.3V, High Bandwidth, Hot Insertion,
2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3305 Pin Configuration
PI3C3306 Pin Configuration
BE1
A1
B1
GND
VCC
BE2
B2
A2
BE1
A1
B1
GND
VCC
BE2
B2
A2
Pin Description
Pin Name
Description
BEn
Switch Enable (PI3C3305)
BEn
Switch Enable (PI3C3306)
A2-A1
Bus A
B2-B1
Bus B
VCC
Power
GND
Ground
Truth Table(1)
PI3C3306
BEn
PI3C3305
BEn
An
Bn
VCC
Function
X
X(2)
Hi-Z Hi-Z GND Disconnect
H
L
Hi-Z Hi-Z VCC Disconnect
L
H
Bn
An
V CC
Connect
Notes:
1. H = High Voltage Level; L = Low Voltage Level;
Hi-Z = High Impedance; X = Don’t Care
2. A pull-up resistor should be provided for power-up protection.
BE1
A1
B1
BE2
A2
B2
BE1
A1
B1
BE2
A2
B2


Similar Part No. - PI3C3305

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3305LE PERICOM-PI3C3305LE Datasheet
789Kb / 7P
2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3305UEX PERICOM-PI3C3305UEX Datasheet
789Kb / 7P
2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
More results

Similar Description - PI3C3305

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125 PERICOM-PI3C3125_07 Datasheet
381Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126 PERICOM-PI3C3126_10 Datasheet
685Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com