Electronic Components Datasheet Search
  English  ▼

X  

CANMSNM Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CANMSNM
Description  Excellent PIM rating for optimum system performance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CANMSNM Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CANMSNM Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plenum Rated Low PIM
Coaxial Cable
CANMSNM
CANMSNM PLENUM RATED LOW PIM COAXIAL CABLE
The CANMSNM Low PIM plenum cable combines the superior mechanical and electrical qualities in
flame-retardant PVC jacket to meet the CMP standard for in-building installations. With 100%
aluminum foil shielding and foam FEP dielectric, it also offers tough inside-out protection against
electrical breakdown at very high operating temperatures. CANMSNM is RoHS compliant and delivers
excellent performance for wireless LAN and other critical in-building RF applications. CANMSN is super
flexible for ease of installation and available in 100m, 200m, 300m and 400m spools.
FEATURES
 Excellent PIM rating for optimum system performance
 Wideband low VSWR typically covering all in-building technologies
 Corrugated copper outer conductor provides excellent shielding
Durable FEP outer jacket is suitable for outdoor use
ANT-CANMSNM-101714
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice.
Responsibility for the use and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses.
Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird, Laird
Technologies, Inc. or any of its affiliates or agents shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright2014 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird
Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a
license under any Laird or any third party intellectual property rights.
PARAMETER
SPECIFICATION
Part Number
CANM100SNM-001
CANM200SNM-001
CANM300SNM-001
CANM400SNM-001
Cable Type
TFT-402-LF
TFT-402-LF
TFT-402-LF
TFT-402-LF
VSWR, Typ
0.1- 1000 MHz
< 1.06:1
< 1.07:1
< 1.07:1
< 1.08:1
1000- 2000 MHz
< 1.12:1
< 1.10:1
< 1.10:1
< 1.10:1
2000- 3000 MHz
< 1.20:1
< 1.18:1
< 1.18:1
< 1.15:1
VSWR, Max
0.1- 1000 MHz
1.30:1
1.30:1
1.30:1
1.30:1
1000- 2000 MHz
1.40:1
1.40:1
1.40:1
1.40:1
2000- 3000 MHz
1.40:1
1.40:1
1.40:1
1.40:1
Insertion Loss, Max
0.1- 1000 MHz
-0.50 dB
-1.0 dB
-1.5 dB
-2.0 dB
1000- 2000 MHz
-0.80 dB
-1.5 dB
-2.3 dB
-3.0 dB
2000- 3000 MHz
-1.1 dB
-2.1 dB
-3.0 dB
-4.0 dB
Power (+25
oC, sea level)
0.1- 1000 MHz
0.38 kW
0.38 kW
0.38 kW
0.38 kW
1000- 2000 MHz
0.26 kW
0.26 kW
0.26 kW
0.26 kW
2000- 3000 MHz
0.16 kW
0.16 kW
0.16 kW
0.16 kW
PIM, 3rd Order, 2 x 20W (Typ)
0.1- 1000 MHz
< -162 dBic
< -161 dBic
< -161 dBic
< -160 dBic
1000- 3000 MHz
< -159 dBic
< -159 dBic
< -159 dBic
< -160 dBic
PIM, 3rd Order, 2 x 20W (Max)
0.1- 1000 MHz
-155 dBic
-155 dBic
-155 dBic
-155 dBic
1000- 3000 MHz
-155 dBic
-155 dBic
-155 dBic
-155 dBic
Connector (Each End) Type N- male
Type N- male
Type N- male
Type N- male
Impedance
50 Ω
50 Ω
50 Ω
50 Ω
Length
1000 ± 20 mm
2000 ± 40 mm
3000 ± 60 mm
4000 ± 80 mm
Weight
0.087 kg
0.129 kg
0.172 kg
0.212 kg
Storage Temperature -55
oC to 125oC
-55
oC to 125oC
-55
oC to 125oC
-55
oC to 125oC
Operating
Temperature
-55
oC to 125oC
-55
oC to 125oC
-55
oC to 125oC
-55
oC to 125oC
Rating
Low PIM Plenum
Rated
Low PIM Plenum
Rated
Low PIM Plenum
Rated
Low PIM Plenum
Rated
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - CANMSNM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CAN0001 AVX-CAN0001 Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
CAN0001DP AVX-CAN0001DP Datasheet
266Kb / 2P
Communication BUS Varistor
CAN0001DP AVX-CAN0001DP Datasheet
461Kb / 4P
Communication BUS Varistor
CAN0001RP AVX-CAN0001RP Datasheet
266Kb / 2P
Communication BUS Varistor
CAN0001RP AVX-CAN0001RP Datasheet
461Kb / 4P
Communication BUS Varistor
More results

Similar Description - CANMSNM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
Excellent THD performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
Excellent Performance
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
excellent temperature performance
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
Configuring the STR91xFA MCU for optimum CPU performance
May-2007
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
Excellent performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
Excellent switching performance
July 2013 Rev 1
logo
Laird Tech Smart Techno...
CMS69273 LSTD-CMS69273 Datasheet
1Mb / 2P
Excellent flame rating
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5060 AVAGO-ADNS-5060 Datasheet
2Mb / 41P
Self-adjusting frame rate for optimum performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
Excellent switching performance
17-Jul-2013
logo
PHOENIX CONTACT
UNIFOX-C-VDE-DB PHOENIX-UNIFOX-C-VDE-DB Datasheet
53Kb / 2P
Excellent transformation ratios for excellent gripping and cutting performance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com