Electronic Components Datasheet Search
  English  ▼

X  

LMC567CM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC567CM
Description  Low Power Tone Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC567CM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC567CM Datasheet HTML 1Page - National Semiconductor (TI) LMC567CM Datasheet HTML 2Page - National Semiconductor (TI) LMC567CM Datasheet HTML 3Page - National Semiconductor (TI) LMC567CM Datasheet HTML 4Page - National Semiconductor (TI) LMC567CM Datasheet HTML 5Page - National Semiconductor (TI) LMC567CM Datasheet HTML 6Page - National Semiconductor (TI) LMC567CM Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Applications Information (refer to Block
Diagram) (Continued)
SUPPLY DECOUPLING
The decoupling of supply pin 4 becomes more critical at high
supply voltages with high operating frequencies, requiring
C4 to be placed as close as possible to pin 4.
INPUT PIN
The input pin 3 is internally ground-referenced with a nomi-
nal 40 k
Ω resistor. Signals which are already centered on 0V
may be directly coupled to pin 3; however, any d.c. potential
must be isolated via a coupling capacitor. Inputs of multiple
LMC567 devices can be paralleled without individual d.c.
isolation.
LOOP FILTER
Pin 2 is the combined output of the phase detector and con-
trol input of the VCO for the phase-locked loop (PLL). Ca-
pacitor C2 in conjunction with the nominal 80 k
Ω pin 2 inter-
nal resistance forms the loop filter.
For small values of C2, the PLL will have a fast acquisition
time and the pull-in range will be set by the built in VCO fre-
quency stops, which also determine the largest detection
bandwidth (LDBW). Increasing C2 results in improved noise
immunity at the expense of acquisition time, and the pull-in
range will begin to become narrower than the LDBW (see
Bandwidth as a Function of C2 curve). However, the maxi-
mum hold-in range will always equal the LDBW.
OUTPUT FILTER
Pin 1 is the output of a negative-going amplitude detector
which has a nominal 0 signal output of 7/9 V
s. When the PLL
is locked to the input, an increase in signal level causes the
detector output to move negative. When pin 1 reaches
2/3 V
s the output is activated (see OUTPUT PIN).
Capacitor C1 in conjunction with the nominal 40 k
Ω pin 1 in-
ternal resistance forms the output filter. The size of C1 is a
tradeoff between slew rate and carrier ripple at the output
comparator. Low values of C1 produce the least delay be-
tween the input and output for tone burst applications, while
larger values of C1 improve noise immunity.
Pin 1 also provides a means for shifting the input threshold
higher or lower by connecting an external resistor to supply
or ground. However, reducing the threshold using this tech-
nique increases sensitivity to pin 1 carrier ripple and also re-
sults in more part to part threshold variation.
OUTPUT PIN
The output at pin 8 is an N-channel FET switch to ground
which is activated when the PLL is locked and the input tone
is of sufficient amplitude to cause pin 1 to fall below 2/3 V
s.
Apart from the obvious current component due to the exter-
nal pin 8 load resistor, no additional supply current is re-
quired to activate the switch. The on resistance of the switch
is inversely proportional to supply; thus the “sat” voltage for
a given output current will increase at lower supplies.
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com