Electronic Components Datasheet Search
  English  ▼

X  

PI5C3126 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3126
Description  4-Bit Bus Switch with Individual Enables
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3126 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI5C3125/3126
4-Bit Bus Switch w/Individual Enables
3
PS7013F
09/13/04
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ± 10%)
Parameters
Description
Test Conditions(1)
Min.
Typ(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current
0 ≤ A, B ≤ VCC
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current(3)
A (B) = 0 V, B (A) = VCC
100
mA
VH
Input Hysteresis at Control Pins
150
mV
RON
Switch On-Resistance(4)
VCC = Min., VIN = 0.0V,
ION = 48mA
5
7
Ω
VCC = Min., VIN = 2.4V,
ION = 15mA
10
15
VCC = 4V, VIN = 2.4V,
ION = 15mA
16
22
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND
or VCC
0.1
3.0
µA
ΔICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
VIN = 3.4V(3)
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
A and B Pins Open
BEn/BEn = GND
Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 5.0V, +25°C ambient.
3.
Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
4.
This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
A/B Capacitance, Switch Off
6
CON
A/B Capacitance, Switch On
8
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4.
Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the lower of the
voltages on the two (A, B) pins.
5.
This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com