Electronic Components Datasheet Search
  English  ▼

X  

PI5C3125LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3125LE
Description  4-Bit Bus Switch with Individual Enables
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3125LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS7013F
09/13/04
4-Bit Bus Switch
with Individual Enables
Description
Pericom Semiconductor’s PI5C3125 and PI5C3126 are 4-bit Bus
Switches designed with four individual 5Ω bus switches with fast
indiviual enables in an industry standard 74XX125/126 pinout.
When enabled via the associated Bus Enable (BE) pin, the “A” pin
is directly connected to the “B” pin for that particular gate. The
bus switch introduces no additional propagation delay or additional
ground bounce noise.
The PI5C3125 device has active LOW enables, and the PI5C3126
has active HIGH enables.
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.1µA Typical)
– Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
– 14-pin 150-mil wide plastic SOIC (W)
– 14-pin 173-mil wide plastic TSSOP (L)
– 16-pin 150-mil wide plastic QSOP (Q)
PI5C3125 Block Diagram
PI5C3126 Block Diagram
PI5C3125
PI5C3126
BE0
A0
B0
BE1
A1
B1
BE2
A2
B2
BE3
A3
B3
BE0
A0
B0
BE1
A1
B1
BE2
A2
B2
BE3
A3
B3


Similar Part No. - PI5C3125LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
4-Bit BusSwitch with -2V Undershoot Protection
PI5C3125QE PERICOM-PI5C3125QE Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
More results

Similar Description - PI5C3125LE

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
2-Bit Bus Switch with Individual Enables
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com