Electronic Components Datasheet Search
  English  ▼

X  

YR2.DIODE Datasheet(PDF) 15 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 15 Page - PULS GmbH

Back Button YR2.DIODE Datasheet HTML 11Page - PULS GmbH YR2.DIODE Datasheet HTML 12Page - PULS GmbH YR2.DIODE Datasheet HTML 13Page - PULS GmbH YR2.DIODE Datasheet HTML 14Page - PULS GmbH YR2.DIODE Datasheet HTML 15Page - PULS GmbH YR2.DIODE Datasheet HTML 16Page - PULS GmbH YR2.DIODE Datasheet HTML 17Page - PULS GmbH YR2.DIODE Datasheet HTML 18Page - PULS GmbH YR2.DIODE Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
17. APPLICATION NOTES
17.1. RECOMMENDATIONS FOR REDUNDANCY
Recommendations for the configuration of redundant power systems:
•
Use separate input fuses for each power supply.
•
Use three-phase power supplies to gain functional safety if one phase fails.
•
When single-phase power supplies are utilized connect them to different phases or mains circuits if possible.
•
Set the power supply in “Parallel-Use” mode if this feature is available
•
It is desirable to set the output voltages of all power supplies to the same value.
17.2. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of loads, including unlimited capacitive and inductive loads.
17.3. EXAMPLE: 1+1 REDUNDANCY UP TO 10A
1+1 Redundancy up to 10A requires two 10A power supplies and one YR2.DIODE redundancy module.
Fig. 17-1 Wiring diagram, 1+1 Redundancy, 10A output current
L N PE
+ +
- -
QS10.241
Power
Supply
Adj
Overload
DCok
24V,10A
Failure
Monitor
10A
Load
optional
I
I
L
N
PE
L N PE
+ +
- -
QS10.241
Power
Supply
Adj
Overload
DCok
24V,10A
YR2.Diode
Redundancy
Module
+
-
OUT
+
-
IN 1
+
-
IN 2
Note: Use separate mains systems for each power supply whenever it is possible
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com