Electronic Components Datasheet Search
  English  ▼

X  

PI5C3383S Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3383S
Description  5-Bit, 4-Port Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3383S Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3383S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI5C3383
5-Bit, 4-Port Bus Exchange Switch
3
PS7028G
12/10/04
Switching Characteristics over Operating Range
Parameters
Description
Condidtions(1)
Com
Units
Min.
Typ.
Max
tPLH
tPHL
Propagation Delay(2, 3) Ax to Cx, Bx to Dx
CL = 50pF
RL = 500Ω
-
0.25
-
ns
tPZH
tPZL
Bus Enable Time BE to Cx or Dx
1.5
-
6.5
tPHZ
tPLZ
Bus Disable Time BE to Cx or Dx
1.5
-
5.5
tBX
Bus Exchange Time BX to Cx or Dx
1.5
-
6.5
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A, B, C, and D pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
A, B, C, and D inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25\ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
-
0.1
3.0
µA
∆ICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
VIN = 3.4V(3)
-
-
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
AB and CD pins Open
BE = GND
Control Input Toggling
50% Duty Cycle
-
-
0.25
mA/
MHz
Applications
Logic Inputs
The logic control inputs can be driven up to +5.5V regardless of the supply voltage. For example, given a 5.0V supply, the control
or select pins may be driven low to 0V and high to 5.5V. Driving the control or select pins Rail-toRail minimizes power consump-
tion.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC before applying signals to the input/
output or control pins.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com