Electronic Components Datasheet Search
  English  ▼

X  

WFP18N50 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFP18N50
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP18N50 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP18N50 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP18N50 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP18N50 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP18N50 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP18N50 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP18N50 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP18N50 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
WF
WF
WF
WFP
P
P
P18N50
18N50
18N50
18N50
2/7
Electrical Characteristics(Tc=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current
IGSS
VGS=±25V,VDS=0V
-
-
±10
nA
Gate-source breakdown voltage
V(BR)GSS
IG=±10 µA,VDS=0V
±30
-
-
V
Drain cut -off current
IDSS
VDS=500V,VGS=0V
-
-
100
µA
Drain -source breakdown voltage
V(BR)DSS
ID=10 mA,VGS=0V
500
-
-
V
Breakdown voltage Temperature
coefficient
△BVDSS/
△TJ
ID=250µA,Referenced
to 25℃
-
0.5
-
V/℃
Gate threshold voltage
VGS(th)
VDS=10V,ID=1mA
3
-
5
V
Drain -source ON resistance
RDS(ON)
VGS=10V,ID=9A
-
0.235
0.27
Ω
Forward Transconductance
gfs
VDS=40V,ID=9A
-
16
-
S
Input capacitance
Ciss
VDS=25V,
VGS=0V,
f=1MHz
-
2530
3290
pF
Reverse transfer capacitance
Crss
-
11
14.3
Output capacitance
Coss
-
300
390
Switching time
Rise time
tr
VDD=250V,
ID=18A
RG=25Ω
(Note4,5)
-
40
90
ns
Turn-on time
ton
-
150
310
Fall time
tf
-
95
200
Turn-off
time
toff
-
110
230
Total gate charge(gate-source
plus gate-drain)
Qg
VDD=400V,
VGS=10V,
ID=18A
(Note4,5)
-
42
55
nC
Gate-source charge
Qgs
-
12
-
Gate-drain("miller") Charge
Qgd
-
14
-
Source-Drain Ratings and Characteristics(Ta=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
18
A
Pulse drain reverse current
IDRP
-
-
-
72
A
Forward voltage(diode)
VDSF
IDR=18A,VGS=0V
-
-
1.4
V
Reverse recovery time
trr
IDR=18A,VGS=0V,
dIDR / dt =100 A / µs
-
500
-
ns
Reverse recovery charge
Qrr
-
5.4
-
µC
Note 1.Repeativity rating :pulse width limited by junction temperature
2.L=5.2mH IAS=18A,VDD=50V,RG=25Ω,Starting TJ=25℃
3.ISD≤18A,di/dt≤200A/us,VDD<BVDSS,STARTING TJ=25℃
4.Pulse Test:Pulse Width≤300us,Duty Cycle≤2%
5. Essentially independent of operating temperature.
This transistor is an electrostatic sensitive device
Please handle with caution



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com