Electronic Components Datasheet Search
  English  ▼

X  

BSR Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # BSR
Description  High thermal stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BSR Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  BSR Datasheet HTML 1Page - Laird Tech Smart Technology BSR Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb® BSR
High-Loss, Thin, Elastomeric Microwave Absorber
HIGH-LOSS ELASTOMERIC ABSORBER
Eccosorb BSR is a thin, flexible, high-loss, electrically non-conductive silicone absorber.
It is designed for the frequency range from 6 GHz to mm wave. It has low outgassing
properties and high temperature resistance.
FEATURES AND BENEFITS
• High thermal stability
• Electrically non-conductive
• High magnetic loss
MARKETS
• Commercial Telecom
• Security and Defense
• Automotive and Industrial Electronics
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB BSR
Frequency Range (GHz)
≥ 6 GHz
Max Service Temperature °C (°F)
170 (338)
Fire Retardancy
UL94 V-0
Hardness (Shore A)
> 70
Elongation (%)
50
Tensile Strength (MPa)
5.0
Volume Resistivity (ohm-cm)
2 x 10
8
Thermal Expansion per °C (°F)
63x10
-6 (35x10-6)
Dielectric Strength (volts/mil)
>10
Outgassing
(%TML) (%CVCM)*
0.47/0.28
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
* Outgassing data per ASTM E595-07; criteria for acceptability is 1.00% TML and 0.10% CVCM.
APPLICATIONS
• Eccosorb BSR is engineered to reduce or eliminate surface currents, cavity resonance,
coupling, and generally dampen reflections. It will significantly improve the operation of
microwave devices by lowering the Q of cavities.
• Eccosorb BSR is recommended for use in high reliability aerospace, military, and space
applications, exhibiting excellent thermal cycling, shock and vibration absorption
characteristics.
• Some other applications include power amplifiers, oscillators and down/up converters.
AVAILABILITY
• Standard sheets are 305 x 305mm (12”x12”).
• Standard thicknesses are 0.25mm (0.010”), 0.50mm (0.020”), 1.0mm (0.040”), 1.5mm
(0.060”) and 2.54mm (0.100”).
• For most applications Eccosorb BSR can be supplied with a Pressure Sensitive Adhesive.
• Eccosorb BSR is available in other sizes, thicknesses and customer specified configurations
upon request. This includes die cut and kiss cut parts to reduce installation labor by
allowing quick assembly.
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com


Similar Part No. - BSR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BSR BITECH-BSR Datasheet
167Kb / 4P
Thick Film 2512 Surge Resistors
logo
TT Electronics.
BSR TTELEC-BSR Datasheet
248Kb / 4P
Thick Film 2512 Surge Resistors
logo
Bud Industries, Inc.
BSR-44-BT BUD-BSR-44-BT Datasheet
84Kb / 1P
BUD STACK RACK
9/6/22
logo
Laird Tech Smart Techno...
BSR-U LSTD-BSR-U Datasheet
207Kb / 2P
High mechanical strength
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
More results

Similar Description - BSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com