Electronic Components Datasheet Search
  English  ▼

X  

LMC6022 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6022
Description  Low Power CMOS Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6022 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6022 Datasheet HTML 7Page - National Semiconductor (TI) LMC6022 Datasheet HTML 8Page - National Semiconductor (TI) LMC6022 Datasheet HTML 9Page - National Semiconductor (TI) LMC6022 Datasheet HTML 10Page - National Semiconductor (TI) LMC6022 Datasheet HTML 11Page - National Semiconductor (TI) LMC6022 Datasheet HTML 12Page - National Semiconductor (TI) LMC6022 Datasheet HTML 13Page - National Semiconductor (TI) LMC6022 Datasheet HTML 14Page - National Semiconductor (TI) LMC6022 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
Low-Leakage Sample-and-Hold
DS011236-17
Instrumentation Amplifier
DS011236-18
If R1 = R5, R3 = R6, and R4 = R7;
Then
∴A
V ≈ 100 for circuit shown
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects CMRR. Gain may be adjusted through R2.
CMRR may be adjusted through R7.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com