Electronic Components Datasheet Search
  English  ▼

X  

CS387H Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS387H
Description  Alternator Voltage Regulator Darlington Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS387H Datasheet(HTML) 4 Page - ON Semiconductor

  CS387H Datasheet HTML 1Page - ON Semiconductor CS387H Datasheet HTML 2Page - ON Semiconductor CS387H Datasheet HTML 3Page - ON Semiconductor CS387H Datasheet HTML 4Page - ON Semiconductor CS387H Datasheet HTML 5Page - ON Semiconductor CS387H Datasheet HTML 6Page - ON Semiconductor CS387H Datasheet HTML 7Page - ON Semiconductor CS387H Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS3341, CS3351, CS387
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (–40
°C < TA < 125°C, –40°C < TJ < 150°C, 9.0 V ≤ VCC ≤ 17 V; unless otherwise
specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Battery Sense
Input Current
–
–10
–
+10
µA
Regulation Voltage
@25
°C, R1 = 100 kΩ, R2 = 50 kΩ
13.5
–
16
V
Proportional Control
–
0.050
–
0.400
V
High Voltage Threshold Ratio
VHigh Voltage @ LampOn
VRegulation @ 50%Duty Cycle
1.083
–
1.190
–
High Voltage Hysteresis
–
0.020
–
0.600
V
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
SO–14
Flip Chip
PIN SYMBOL
FUNCTION
1
1
Driver
Output driver for external power switch–Darlington.
2
2
GND
Ground.
3, 6, 7, 9, 13
3
NC
No Connection.
4
4
OSC
Timing capacitor for oscillator.
5
5
Lamp
Base driver for lamp driver indicates no stator signal or overvoltage condition.
8
6
IGN
Switched ignition power up.
10
7
Stator
Stator signal input for stator timer (CS3351 also power up).
11
8
Sense
Battery sense voltage regulator comparator input and protection.
12
9
VCC
Supply for IC.
14
10
SC
Short circuit sensing.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Battery Voltage vs. Temperature (
°C)
Over Process Variation
15.5
15
14.5
14
13.5
13
–40
–20
0
20
40
60
80
100
120
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com