Electronic Components Datasheet Search
  English  ▼

X  

PI6CV2304 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CV2304
Description  160 MHz Clock Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV2304 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CV2304 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
2
PS8537D
09/14/043
#
n
i
Pl
o
b
m
y
Se
p
y
Ty
t
Qn
o
i
t
p
i
r
c
s
e
D
1N
I
_
K
L
Ct
u
p
n
I1
t
u
p
n
i
k
c
o
l
c
t
n
a
r
e
l
o
T
V
5
2E
Ot
u
p
n
I1
w
o
l
s
i
E
O
n
e
h
w
d
e
t
a
t
s
-
3
e
b
ll
i
w
s
t
u
p
t
u
o
]
3
-
0
[
Y
.
e
l
b
a
n
E
t
u
p
t
u
O
h
g
i
H
e
v
it
c
A
8
,
7
,
5
,
3]
3
-
0
[
Yt
u
p
t
u
O4
s
t
u
p
t
u
o
l
e
v
e
l
S
O
M
C
V
L
4D
N
Gd
n
u
o
r
G1
d
n
u
o
r
G
6V D
D
r
e
w
o
P1
r
e
w
o
p
V
3
.
3
PinDescription
Absolute Maximum Ratings (Above which the useful life may be impaired. For user guidlines, not tested)
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
D
D )V
0
.
5
+
o
t
V
0
.
0
–
e
g
a
tl
o
V
t
u
p
n
I
V
o
t
V
5
.
0
–
D
D
V
5
.
0
+
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
l
a
i
r
t
s
u
d
n
I
C
°
5
8
+
o
t
C
°
0
4
–
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
C
°
0
5
1
+
o
t
C
°
5
6
–
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JC
°
0
5
1
l
e
d
o
m
y
d
o
b
n
a
m
u
h
,
5
1
0
3
d
o
h
t
e
m
,
3
8
8
-
L
I
M
D
S
E
t
u
p
n
IV
K
2
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
Dn
i
Mx
a
Mt
i
n
U
V D
D
y
l
p
p
u
S
e
r
o
C
g
o
l
a
n
A
,
y
l
p
p
u
S
O
/
I0
.
36
.
3V
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
l
a
i
r
t
s
u
d
n
I0
4
–5
8
+C
°
OperatingConditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com