Electronic Components Datasheet Search
  English  ▼

X  

PI49FCT3804S Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT3804S
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3804S Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT3804S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3804S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3804S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3804S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3804S Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3804S Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3804S Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS7043F
09/24/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3804
3.3V Buffer/Clock Driver
DC Electrical Characteristics (Over the Operating Range)
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –0.1mA
VCC–0.2
—
—
V
IOH = –8mA
2.4(3)
3.0
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOL =0.1mA
—
—
0.2
V
IOL =16mA
—
0.2
0.4
IOL =24mA
—
0.3
0.5
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
Input Pins
2.0
—
5.5
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
Input Pins
–0.5
—
0.8
V
IIH
Input HIGH Current
VCC=Max.
VIN = VCC (Input Pins)
—
—
1
µA
IIL
Input LOW Current
VCC=Max.
VIN = GND (Input & I/O Pins)
—
—
–1
µA
IOZH
High Impedance
VCC=Max.
VOUT = VCC
——
1
µA
IOZL
Output Current
(Hi-Z State Output Pins)
VOUT=GND
—
—
–1
VIK
Clamp Diode Voltage
VCC =Min., IIN = –18mA
—
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN =VIH or VIL, VOUT = 1.5V(4)
–35
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN =VIH or VIL, VOUT = 1.5V(4)
50
90
200
mA
IOS
Short Circuit Current(5) VCC = Max., VOUT = GND(5)
–60
–135
–240
mA
VH
Input Hysteresis
—
150
—
mV
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Operating Range
Ambient Temperature = –40°C to +85°C
VCC=3.3V±0.3V
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. VOH = VCC – 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ........................................ –65°Cto+150°C
Ambient Temperature with Power Applied ........ –40°Cto+85°C
Supply Voltage to Ground Potential ................... –0.5Vto+7.0V
DC Input Voltage ................................................ –0.5Vto+7.0V
DC Output Current .......................................................... 120mA
Power Dissipation ..............................................................0.5W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com