Electronic Components Datasheet Search
  English  ▼

X  

CPE Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CPE
Description  Low dielectric loss
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CPE Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CPE Datasheet HTML 1Page - Laird Tech Smart Technology CPE Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccostock®CPE
Cross-Linked Polyethylene Rod and Sheet Stock
CROSS-LINKED POLYETHYLENE STOCK
Eccostock CPE is a cross-linked polyethylene rod and sheet stock. The material is
thermosetting. It will not flow even when subjected to excessive and prolonged heat. The
surface may darken with no effect on the bulk properties of the material. Physical properties
of Eccostock CPE are similar to those of polyethylene at room temperature. It can be used as
a direct substitute for polytetrafluoroethylene with a consequent weight and cost savings.
FEATURES AND BENEFITS
• Low dielectric loss
• Excellent machinability
• Good mechanical properties
MARKETS
• Commercial Telecom
• Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSTOCK CPE
Service Temperature °C (°F)
<204 (<400)
Density, g/cc
0.98
Dielectric Constant, 100 Hz to 10 GHz
2.4
Dissipation Factor, 100 Hz to 10GHz
<0.0007
Insulation Resistance, ohm-cm
>10
14
Coefficient of Linear Expansion (cm/cm/°C)
90 x 10
-6
Thermal Expansion, per °C (°F)
10 x 10
-5 (5.6 x 10-5)
Tensile Strength, psi (kg/cm²)
2,600 (182)
Tensile Modulus, psi (kg/cm²)
40,000 (2,800)
Flexural Yield, psi (kg/cm²)
5,400 (378)
Flexural Modulus, psi (kg/cm²)
500,000 (35,000)
Water absorption, % gain in 24 hours at 25°C
<0.01
Outgassing
(%TML) (%CVCM)*
1.89/0.111
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
* Outgassing data per ASTM E595-07; criteria for acceptability is 1.00% TML and 0.10% CVCM.
APPLICATIONS
• Eccostock CPE is used for insulators, cavity tuning probes, patch antennas, and dielectric
support pieces.
• Excellent machinability makes it a good choice for custom microwave transmission line
components.
• Ideal for structural applications due to good mechanical properties.
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com


Similar Part No. - CPE

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-120 CUI-CPE-120 Datasheet
218Kb / 5P
piezo audio transducer
CPE-120 CUI-CPE-120 Datasheet
306Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
logo
CUI Devices
CPE-120 CUID-CPE-120 Datasheet
282Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPE-120 CUI-CPE-120_V01 Datasheet
306Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
piezo audio transducer
More results

Similar Description - CPE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
LOW-LOSS FILTER
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
Low Loss IGBT
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
Low Loss
logo
Laird Tech Smart Techno...
LOK LSTD-LOK Datasheet
134Kb / 2P
Low dielectric constant
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
Low loss dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com