Electronic Components Datasheet Search
  English  ▼

X  

ECE072 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # ECE072
Description  Cost-effective solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ECE072 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  ECE072 Datasheet HTML 1Page - Laird Tech Smart Technology ECE072 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA: +1.866.928.8181
Europe: +49.0.8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
ECE072
Silicone Elastomer
ShEEt MatErial
The Table below lists thicknesses and sizes for
our molded sheet material.
Thickness/Tolerance
18 X 18 sheeT
0.045 ± 0.005 (1,1 ± 0,1)
8860-0045-324-XX
0.062 ± 0.007 (1,5 ± 0,2)
8860-0062-324-XX
tolErancES all ProfilES
Dimensions
Tolerance
Under 0.101 (2,6)
± 0.005 (0,15)
0.101 to 0.200 (2,6 to 5,1)
± 0.008 (0,2)
0.201 to 0.300 (5,1 to 7,6)
± 0.010 (0,3)
0.301 to 0.500 (7,6 to 12,7)
± 0.015 (0,4)
over 0.500 (12,7)
± 0.020 (0,5)
FEaturEs
• Utilizesbothconductiveand
non-conductivematerials
• Providesstrongerenvironmentalshielding
totheoutsideofgasketsduetopuresilicone
• RetainsstrongEMIprotection
• Cost-effectivesolution
• Abletoextrudeinvarioussizesandprofiles
MarkEts
• DataCom
• Military
• Medical
• IndustrialElectronics
NiCkEl
/GraphitE FillEd siliCoNE ElastoMEr
ECE072isanickel
/graphitefilledsiliconeelastomer.ECE072hasexcellentshieldingpropertiesand
conductivity.Thismaterialhasexcellentsealingattemperatureextremes,isozoneresistant,
andhasalongshelflife.IthasbeendevelopedtomeetUL94V-0standard.
Thismaterialcanbemolded,extruded,orformedintosheetsandthendie-cut.Seeourcatalogfor
standardshapesavailable,orprovideinformationaboutyourneedsforacustomprofile.
PARAMETER
TESTMEThoD
TyPICALVALUE
color
Visual inspection
Gray
elastomer type
Formulation
silicone resin
Filler type
Formulation
nickel coated on Graphite
Density
asTm D792
2.2 ± 0.25 g/cm3
Electrical
shielding effectiveness
(20-mhz through 10-Ghz)
mil-DTl-83528c (4.5.12)
100 dB, minimum
Volume resistivity 0.1 ohm-cm, maximum
mil-DTl-83528c (4.5.10)
0.08 ohm-cm, maximum
Mechanical Properties
hardness - shore a
asTm D2240
shore a, 68 ± 7
Tensile strength
asTm D412
280 psi, minimum
elongation
asTm D412
150%, minimum
Tear strength
asTm D624, die c
55 ppi, minimum
compression set
asTm D395
30%, maximum
Temperature range (min)
asTm D1329
-45°c
Temperature range (max)
mil-DTl-83528c (4.5.15)
150°c
Ul Flammability rating
File e203070
UL94 V0 Certified


Similar Part No. - ECE072

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
ECE05US03 XPPOWER-ECE05US03 Datasheet
158Kb / 2P
5/10 Watts ECE Series
ECE05US03 XPPOWER-ECE05US03 Datasheet
158Kb / 2P
5/10 Watts
ECE05US05 XPPOWER-ECE05US05 Datasheet
158Kb / 2P
5/10 Watts ECE Series
ECE05US05 XPPOWER-ECE05US05 Datasheet
158Kb / 2P
5/10 Watts
More results

Similar Description - ECE072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
Miniature,cost-effective switching solution
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
Cost-effective, Entry-level Automation System Solution
ARK-1360 ADVANTECH-ARK-1360 Datasheet
408Kb / 2P
Cost Effective Intel짰 Atom??Solution with miniPCIe Expansion Slot
logo
Littelfuse
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
The series provides a cost-effective through-hole solution that enables
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
Cost effective
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
DG81C AEC-DG81C Datasheet
336Kb / 2P
Cost effective
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
Cost-effective solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com