Electronic Components Datasheet Search
  English  ▼

X  

PT768 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PT768
Description  DIODE MODULE 75A/800V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT768 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PT768 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT768 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PT768 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 75A/800V
Maximum Ratings
Approx Net Weight:180g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PT768
Unit
Repetitive Peak Reverse Voltage *1
VRRM
800
Non Repetitive Peak Reverse Voltage *1
VRSM
1000
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
3-Phase Full Wave Rectified
Tc=112
°C
75
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
1000
A
I Squared t *1
I2t
2msec to 10msec
5000
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2000
V
Case mounting
Greased
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
M5
2.4 to 2.8
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 150
°C
10
mA
Peak Forward Voltage *1
VFM
IFM= 75A, Tj=25
°C
1.2
V
Rth(j-c) Junction to Case (Total)
0.24
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound (Total)
0.06 °
C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* 3 Phase Bridge Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PT768
PT768
PT768
PT768
OUTLINE DRAWING
ネジ


Similar Part No. - PT768

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7681 TI-PT7681 Datasheet
246Kb / 12P
30-A Programmable ISR With Margin Up/Down Controls
PT7681N TI-PT7681N Datasheet
246Kb / 12P
30-A Programmable ISR With Margin Up/Down Controls
logo
National Instruments Co...
PT768 NI-PT768_15 Datasheet
115Kb / 2P
DIODE
More results

Similar Description - PT768

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
DIODE MODULE 100A/800V
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT76S8 NIEC-PT76S8 Datasheet
114Kb / 3P
DIODE MODULE 75A/800V
PT151S8 NIEC-PT151S8 Datasheet
50Kb / 5P
DIODE MODULE 150A/800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com