Electronic Components Datasheet Search
  English  ▼

X  

LMC6032IM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6032IM
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032IM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6032IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Typical Single-Supply Applications
(V+ = 5.0 V
DC) (Continued)
This circuit, as shown, oscillates at 2.0 kHz with a
peak-to-peak output swing of 4.0V.
Low-Leakage Sample-and-Hold
DS011135-13
1 Hz Square-Wave Oscillator
DS011135-16
Power Amplifier
DS011135-17
10 Hz Bandpass Filter
DS011135-18
fO = 10 Hz
Q = 2.1
Gain = −8.8
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
DS011135-19
10 Hz High-Pass Filter
DS011135-20
fc = 10 Hz
d = 0.895
Gain = 1
2 dB passband ripple
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com