Electronic Components Datasheet Search
  English  ▼

X  

EDGE749 Datasheet(PDF) 8 Page - Semtech Corporation

Part # EDGE749
Description  Octal Pin Electronics Driver/Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE749 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button EDGE749 Datasheet HTML 4Page - Semtech Corporation EDGE749 Datasheet HTML 5Page - Semtech Corporation EDGE749 Datasheet HTML 6Page - Semtech Corporation EDGE749 Datasheet HTML 7Page - Semtech Corporation EDGE749 Datasheet HTML 8Page - Semtech Corporation EDGE749 Datasheet HTML 9Page - Semtech Corporation EDGE749 Datasheet HTML 10Page - Semtech Corporation EDGE749 Datasheet HTML 11Page - Semtech Corporation EDGE749 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge749
Application Information (continued)
Also, either the pull up or pull down resistor could be
used to terminate the transmission from the DUT to the
pin electronics in an effort to minimize any reflections.
Figure 9. Driver with Pull Up/Pull Down
Trinary Driver with Termination
Other combinations are also possible. For example, two
parallel drivers can be configured to implement one
trinary driver with a pull down (or pull up) dynamic
termination (see Figure 10).
Figure 10. Trinary Driver with Termination
Two Logic Family Driver
Many test systems support exactly two families of driver
and receiver levels and select between family A and family
B settings on a per-pin basis, typically using an analog
multiplexer (See Figure 11). Common examples of these
families are:
Family A = TTL
Family B = CMOS
or
Family A = TTL
Family B = ECL
The Edge749 supports this system architecture with
minimal hardware and the elimination of the per-pin
analog multiplexer. The drive and receive levels need to
be generated once per system, then distributed and
buffered suitably.
Parametric Functions
Two drivers in parallel also offer the possibility of
connecting force and sense parametric circuitry to the
DUT without adding additional circuitry to the controlled
impedance DUT line. For example, Figure 12 shows the
second driver being utilized to force a current and
measure a voltage.
Notice that the VHIGH and VLOW pins are used from
different drivers to allow the force and sense functions
to be active simultaneously.
DUT
DATA IN A
DVR EN*A
DATA IN B
DVR EN*B
VHIGH A
VHIGH B
VLOW B
VLOW A
VPULL UP
VPULL DOWN
DUT
DATA IN A
DVR EN*A
DATA IN B
DVR EN*B
VHIGH A
VHIGH B
VLOW A
VTERMINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com